Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBA520-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBA520-G
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBA520-G Datasheet(HTML) 2 Page - Comchip Technology

  CDBA520-G Datasheet HTML 1Page - Comchip Technology CDBA520-G Datasheet HTML 2Page - Comchip Technology CDBA520-G Datasheet HTML 3Page - Comchip Technology CDBA520-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QW-BB037
RATING AND CHARACTERISTIC CURVES (CDBA520-G thru. CDBA5200-G)
Percent of Rated Peak Reverse Voltage, (%)
200
120
80
160
0
Fig.5 - Typical Reverse Characteristics
0.01
0.1
1
10
100
Forward Voltage, (V)
0.1
Fig.2 - Typical Forward Characteristics
0.01
0.1
1.0
10
100
0.9
Reverse Voltage, (V)
0.01
Fig.4 - Typical Junction Capacitance
0
400
1400
1
10
100
O
Ambient Temperature, ( C)
Comchip Technology CO., LTD.
Page 2
REV: B
1.1
1.5
40
0.5
1.3
SMD Schottky Barrier Rectifiers
TJ=125°C
TJ=25°C
Number of Cycles at 60Hz
0
90
150
1
10
100
30
120
60
O
TJ=25 C
8.3ms single half sine
wave, JEDEC method
0.1
200
800
600
1200
1000
Pulse Width 300us
1% Duty Cycle
TJ=25°C
0.7
0.3
Fig.3 - Maximum Non-repetitive Forward
Surge Current
Fig.1 - Typical Forward Current
Derating Curve
0
3.0
4.0
7.0
0
80
160
1.0
6.0
2.0
20 40 60
120
100
5.0
200
140
180



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com