Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBA560-G Datasheet(PDF) 4 Page - Comchip Technology

Part # CDBA560-G
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBA560-G Datasheet(HTML) 4 Page - Comchip Technology

  CDBA560-G Datasheet HTML 1Page - Comchip Technology CDBA560-G Datasheet HTML 2Page - Comchip Technology CDBA560-G Datasheet HTML 3Page - Comchip Technology CDBA560-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
QW-BB037
Comchip Technology CO., LTD.
Page 4
REV: B
SMD Schottky Barrier Rectifiers
Part Number
CDBA520-G
Marking Code
Marking Code
CDBA540-G
CDBA560-G
CDBA5100-G
CDBA5150-G
CDBA5200-G
SK52
SK54
SK56
SK510
SK515
SK520
A
B
C
E
D
SIZE
(inch)
0.157
(mm)
4.00
2.50
1.70
0.100
0.068
6.50
0.256
E
1.50
0.060
B
C
D
A
DO-214AC(SMA)
Suggested PAD Layout
XXXX
xxxx/xxxxx = Product type marking code
Standard Packaging
Case Type
5,000
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
DO-214AC
(SMA)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com