Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBA5100-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBA5100-G
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBA5100-G Datasheet(HTML) 1 Page - Comchip Technology

  CDBA5100-G Datasheet HTML 1Page - Comchip Technology CDBA5100-G Datasheet HTML 2Page - Comchip Technology CDBA5100-G Datasheet HTML 3Page - Comchip Technology CDBA5100-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Schottky Barrier Rectifiers
Page 1
REV: B
Features
-Ultra high-speed switching.
Mechanical data
-Case: Molded plastic, DO-214AC / SMA
-Terminals: solderable per MIL-STD-750,
method 2026.
-Polarity: Indicated by cathode band.
-weight: 0.055 grams
CDBA520-G Thru. CDBA5200-G
Maximum Ratings and Electrical Characteristics
QW-BB037
CDBA
520-G
Comchip Technology CO., LTD.
Max. repetitive peak reverse voltage
Max. DC blocking voltage
Max. RMS voltage
Forward surge current
Reverse Current
Storage temperature
CDBA
540-G
CDBA
560-G
CDBA
5100-G
CDBA
5150-G
Units
Symbol
Parameter
VRRM
VDC
VRMS
20
20
14
40
40
28
60
60
42
100
100
70
150
150
105
V
V
V
A
A
mA
CDBA
5200-G
200
200
140
Max. instantaneous forward voltage @
5.0A, TA=25°C
VF
0.50
0.55
0.75
0.81
0.87
V
0.90
Operating Temperature
TJ
-50 to +150
-50 to +175
°C
Parameter
Conditions
on rate load (JEDEC method)
8.3ms single half sine-wave superimposed
Forward rectified current
see Fig.1
Thermal Resistance
Diode Junction capacitance
VR =VRRM TA=25°C
VR =VRRM TA=100°C
f=1MHZ and applied 4V DC reverse Voltage
Junction to ambient
Symbol
IO
IFSM
IR
RθJA
CJ
TSTG
IR
MIN.
TYP.
MAX.
mA
°C/W
pF
°C
5.0
125
0.5
20
24
380
-50
+175
Ratings at Ta=25°C unless otherwise noted.
Single phase, half wave, 60Hz, resistive or inductive loaded.
For capacitive load, derate current by 20% .
-Low Profile surface mount applications
in order to optimize board space.
-Low power loss, high efficiency.
-High current capability, low forward voltage drop.
-High surge capability.
-Guardring for overvoltage protection.
Units
-Epoxy: UL94-V0 rate flame retardant.
-Silicon epitaxial planar chip,metal silicon junction.
Reverse Voltage: 20 to 200 Volts
Forward Current: 5.0 Amp
RoHS Device
Dimensions in inches and (millimeter)
DO-214AC (SMA)
0.067 (1.70)
0.047 (1.20)
0.114 (2.90)
0.083 (2.10)
0.181 (4.60)
0.157 (4.00)
0.008(0.20)
0.004(0.10)
0.012 (0.30)
TYP.
0.209 (5.30)
0.185 (4.70)
0.061 (1.55)
0.030 (0.75)
0.098 (2.50)
0.067 (1.70)


Similar Part No. - CDBA5100-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBA5100-HF COMCHIP-CDBA5100-HF Datasheet
97Kb / 4P
SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBA5100-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
SMD Schottky Barrier Rectifiers
CDBA220-HF COMCHIP-CDBA220-HF Datasheet
94Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA320-G COMCHIP-CDBA320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA3150-HF COMCHIP-CDBA3150-HF Datasheet
97Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB320-G COMCHIP-CDBB320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB5150-HF COMCHIP-CDBB5150-HF Datasheet
98Kb / 4P
SMD Schottky Barrier Rectifiers
CDBC3150-HF COMCHIP-CDBC3150-HF Datasheet
96Kb / 4P
SMD Schottky Barrier Rectifiers
CDBFN120-HF COMCHIP-CDBFN120-HF_12 Datasheet
95Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com