Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBB320LR-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBB320LR-HF
Description  Low VF Low IR SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBB320LR-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBB320LR-HF Datasheet HTML 1Page - Comchip Technology CDBB320LR-HF Datasheet HTML 2Page - Comchip Technology CDBB320LR-HF Datasheet HTML 3Page - Comchip Technology CDBB320LR-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (CDBB320LR-HF Thru. CDBB3200LR-HF)
Forward Voltage, (V)
0.1
0.01
0.1
1.0
10
100
0.9
Reverse Voltage, (V)
0.01
0
200
700
1
10
100
Ambient Temperature, (°C)
0
1.5
2.0
1.1
1.5
0
100
175
0.5
3.0
0.5
1.3
1.0
Number of Cycles at 60Hz
0
90
150
1
10
100
30
120
60
TJ=25°C
8.3ms single half sine
wave, JEDEC method
25
50
75
150
125
2.5
0.1
100
400
300
600
500
Pulse Width 300us
1% Duty Cycle
0.7
0.3
Fig.4 Typical Junction Capacitance
-
Fig.3 Maximum Non-repetitive
-
Forward Surge Current
Fig.2 Typical Forward Characteristics
-
Fig.1 - Typical Forward Current
3
3.0
Percent of Rated Peak Reverse Voltage, (%)
Fig.5 Typical Reverse Characteristics
-
140
80
60
120
0
0.1
10
100
20
0.01
40
100
TJ=125 °C
TJ=25 °C
Low VF Low IR SMD Schottky Barrier Rectifiers
Page 2
REV:A
Comchip Technology CO., LTD.
Derating Curve
TJ=25°C
1.0
C
D
BB
31
00
LR
-H
F~
C
D
BB
32
00
LR
-H
F
CD
BB
320
LR
-HF
~C
DB
B34
0LR
-HF
CD
BB
36
0L
R-
HF
QW-JL028



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com