Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBB560-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBB560-G
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBB560-G Datasheet(HTML) 2 Page - Comchip Technology

  CDBB560-G Datasheet HTML 1Page - Comchip Technology CDBB560-G Datasheet HTML 2Page - Comchip Technology CDBB560-G Datasheet HTML 3Page - Comchip Technology CDBB560-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (CDBB520-G thru CDBB5100-G)
Comchip Technology CO., LTD.
Page 2
REV:A
SMD Schottky Barrier Rectifiers
QW-BB036
Percent of Rated PEAK Reverse Voltage, (%)
140
100
60
120
0
Fig.5 - Typical Reverse Characteristics
0.001
0.01
0.1
10
100
Instantaneous Forward Voltage, (V)
0
Fig.3 - Typical Instantaneous
0.01
0.1
1.0
10
100
0.4
Reverse Voltage, (V)
Fig.4 - Typical Junction Capacitance
Ambient Temperature, (°C)
Fig.1 - Forward Current Derating Curve
0
3.0
4.0
7.0
1.0
1.4
0
100
175
1.0
6.0
40
0.2
1.2
2.0
O
TJ=25 C
O
TJ=25 C
Pulse width 300μS
1% duty cycle
Number of Cycles at 60Hz
Fig.2 - Maximum Non-Repetitive
0
150
200
300
1
10
100
50
250
100
8.3ms single half sine
wave, JEDEC method
25
50
75
150
125
5.0
5
0.8
0.6
Forward Characteristics
0.1
10
100
1000
1.0
10.0
100
4.0
TJ=25°C , F=1MHZ
20
80
1.0
TJ=125°C
TJ=100°C
Surge Current
Single Phase
Half wave 60Hz
Resistive or
Inductive Load
CD
BB
55
0-
G~
0-
G
CD
BB
51
0
CD
BB
52
0-
G~
0-
G
CD
BB
54



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com