Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBC120SL-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBC120SL-HF
Description  Super Low VF SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBC120SL-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBC120SL-HF Datasheet HTML 1Page - Comchip Technology CDBC120SL-HF Datasheet HTML 2Page - Comchip Technology CDBC120SL-HF Datasheet HTML 3Page - Comchip Technology CDBC120SL-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QW-JL029
RATING AND CHARACTERISTIC CURVES (CDBC120SL-HF Thru. CDBC140SL-HF)
Percent of Rated Peak Reverse Voltage, (%)
Fig.5 - Typical Reverse Characteristics
Forward Voltage, (V)
Fig.2 - Typical Forward Characteristics
Reverse Voltage, (V)
0.01
Fig.4 - Typical Junction Capacitance
0
100
350
1
10
100
Ambient Temperature, (°C)
Comchip Technology CO., LTD.
Page 2
REV: A
Number of Cycles at 60Hz
Fig.3 - Maximum Non-repetitive Forward
0
30
50
1
10
100
10
40
20
O
TJ=25 C
8.3ms single half sine
wave, JEDEC method
0.1
50
200
150
300
250
Surge Current
0.1
0.5
1.5
1.3
0.3
0.7
0.9
1.1
0.1
1.0
50
Pulse Width 300us
1% Duty Cycle
TJ=25°C
10
140
80
60
120
0
0.1
10
100
20
0.01
40
100
1.0
Fig.1 - Typical Forward Current
Derating Curve
0.01
Super Low VF SMD Schottky Barrier Rectifiers
0
0.6
0.8
0
100
175
0.2
1.2
0.4
25
50
75
150
125
1.0
Resistive or inductive load
Single phase half wave 60Hz
TJ=100 °C
TJ=25 °C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com