Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBC240SLR-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CDBC240SLR-HF
Description  Supper Low VF Low IR SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBC240SLR-HF Datasheet(HTML) 3 Page - Comchip Technology

  CDBC240SLR-HF Datasheet HTML 1Page - Comchip Technology CDBC240SLR-HF Datasheet HTML 2Page - Comchip Technology CDBC240SLR-HF Datasheet HTML 3Page - Comchip Technology CDBC240SLR-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
QW-JL015
Comchip Technology CO., LTD.
Page 3
REV: B
Supper Low VF Low IR SMD Schottky Barrier Rectifiers
Reel Taping Specification
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
T
C
Direction of Feed
Index hole
d
E
F
B
W
P
P0
P1
A
D1
D2
D
W1
B
C
d
D
D2
D1
SYMBOL
(mm)
(inch)
1.969 MIN.
8.00 ± 0.10
1.50 ± 0.10
50.0 MIN.
13.50 ± 0.50
4.00 ± 0.10
2.00 ± 0.10
330 ± 2.00
0.059 ± 0.004
12.99 ± 0.079
0.531 ± 0.020
SYMBOL
(mm)
(inch)
0.315± 0.004
0.157 ± 0.004
0.079 ± 0.004
0.882 ± 0.039
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
7.50 ± 0.10
0.295 ± 0.004
6.30 ± 0.10
0.248 ± 0.004
8.60 ± 0.10
0.339 ± 0.004
2.90 ± 0.10
0.114 ± 0.004
0.60 ± 0.10
0.236 ± 0.004
T
0.630 ±0.012
(SMC)
DO-214AB
(SMC)
DO-214AB
A
16.00 ± 0.30
22.40 ± 1.00



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com