Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP48-G Datasheet(PDF) 4 Page - Comchip Technology

Part # 5KP48-G
Description  5000W Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

5KP48-G Datasheet(HTML) 4 Page - Comchip Technology

  5KP48-G Datasheet HTML 1Page - Comchip Technology 5KP48-G Datasheet HTML 2Page - Comchip Technology 5KP48-G Datasheet HTML 3Page - Comchip Technology 5KP48-G Datasheet HTML 4Page - Comchip Technology 5KP48-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4
QW-BTV08
REV:B
RATING AND CHARACTERISTIC (5KP-G Series)
NOTES:
VRWM
VBR Max.
IT
IFSM
( V )
( V )
( mA )
(A)@8.3mS
( V )
IPPM (A)
Part No.
Absolute Maximum Rating (Ta=25
O C)
Electrical Characteristics (Ta=25
O
C)
Max. Vc @IPPM
Max. IR@VRWM
uA
Uni
Bi
VBR Min.
Marking Code.
Uni
Bi
( V )
5KP160-G
5KP160A-G
5KP170-G
5KP170A-G
5KP180-G
5KP180A-G
5KP190-G
5KP190A-G
5KP160C-G
5KP160CA-G
5KP170C-G
5KP170CA-G
5KP180C-G
5KP180CA-G
5KP190C-G
5KP190CA-G
160.0
178.00
218.00
1.0
500
160.0
178.00
197.00
1.0
500
170.0
189.00
231.00
1.0
500
170.0
189.00
209.00
1.0
500
180.0
200.16
244.80
1.0
500
180.0
200.00
220.00
1.0
500
190.0
211.28
258.40
1.0
500
190.0
211.00
232.00
1.0
500
287.0
17.42
5
259.0
19.31
5
304.0
16.45
5
275.0
18.18
5
322.2
15.52
5
291.6
17.15
5
340.1
14.70
5
307.8
16.24
5
5KP160
5KP160A
5KP170
5KP170A
5KP180
5KP180A
5KP190
5KP190A
5KP160C
5KP160CA
5KP170C
5KP170CA
5KP180C
5KP180CA
5KP190C
5KP190CA
1. Suffox’A’ denotes 5% tolerance device. Without ‘A’ denotes 10% tolerance device
2. Add suffix ‘C’or
after part number to specify Bi-directional devices
‘CA’
3. For Bi-Directional devices having VR of 10 Volts and under, the IR Limit is double
5000W Transient Voltage Suppressor



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com