Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBC320-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBC320-G
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBC320-G Datasheet(HTML) 2 Page - Comchip Technology

  CDBC320-G Datasheet HTML 1Page - Comchip Technology CDBC320-G Datasheet HTML 2Page - Comchip Technology CDBC320-G Datasheet HTML 3Page - Comchip Technology CDBC320-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QW-BB011
RATING AND CHARACTERISTIC CURVES (CDBC320-G thru CDBC3100-G)
Percent of Rated Peak Reverse Voltage (%)
200
120
80
160
0
Fig.1 Reverse Characteristics
0.01
0.1
1
10
100
Forward Voltage (V)
0.1
Fig.2 Forward Characteristics
0.01
0.1
1
10
100
0.9
Reverse Voltage (V)
0.01
Fig.3 Junction Capacitance
0
100
300
600
700
1
10
100
Ambient Temperature (°C)
Fig.4 Current Derating Curve
0
1.5
2.0
3.5
Comchip Technology CO., LTD.
Page 2
REV:B
1.3
2.1
200
400
500
0
100
175
0.5
3.0
40
0.5
1.7
1.0
SMD Schottky Barrier Rectifiers
O
TJ=75 C
O
TJ=25 C
CDBC320-G~340-G
CDBC360-G
CDBC380-G~3100-G
O
TJ=25 C
Pulse width 300μS
4% duty cycle
0.1
O
TJ=25 C
f=1MHz and applied
4VDC reverse voltage
Number of Cycles at 60Hz
Fig.5 Non-repetitive Forward Surge Current
0
60
80
120
1
10
100
20
100
40
O
TJ=25 C
8.3ms single half sine
wave, JEDEC method
25
50
75
150
125
2.5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com