Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBC340-G Datasheet(PDF) 3 Page - Comchip Technology

Part # CDBC340-G
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBC340-G Datasheet(HTML) 3 Page - Comchip Technology

  CDBC340-G Datasheet HTML 1Page - Comchip Technology CDBC340-G Datasheet HTML 2Page - Comchip Technology CDBC340-G Datasheet HTML 3Page - Comchip Technology CDBC340-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
QW-BB011
Comchip Technology CO., LTD.
Page 3
REV:B
SMD Schottky Barrier Rectifiers
Polarity
B
C
d
D
D2
D1
SYMBOL
A
(mm)
(inch)
1.969 MIN.
8.00 ± 0.10
1.50 ± 0.10
50.0 MIN.
13.5 ± 1.00
4.00 ± 0.10
2.00 ± 0.05
16.0 ± 0.20
22.4 (max)
330
0.059 ± 0.004
12.99
0.531 ± 0.039
SYMBOL
(mm)
(inch)
0.630 0.008
±
0.315 ± 0.004
0.157 ± 0.004
0.079 ± 0.002
0.882 (max)
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.689 ± 0.004
7.50 ± 0.05
0.295 ± 0.002
6.30 (max)
0.248 (max)
8.60 (max)
0.339 (max)
2.90 (max)
0.114 (max)
SMC
(DO-214AB)
SMC
(DO-214AB)
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
D1
D2
D
W1
T
C
Direction of Feed
Reel Taping Specification
B
P0
P1
P
Index hole
A
d
E
F
W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com