Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP54-G Datasheet(PDF) 2 Page - Comchip Technology

Part # 5KP54-G
Description  5000W Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

5KP54-G Datasheet(HTML) 2 Page - Comchip Technology

  5KP54-G Datasheet HTML 1Page - Comchip Technology 5KP54-G Datasheet HTML 2Page - Comchip Technology 5KP54-G Datasheet HTML 3Page - Comchip Technology 5KP54-G Datasheet HTML 4Page - Comchip Technology 5KP54-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RATING AND CHARACTERISTIC (5KP-G Series)
Page 2
QW-BTV08
REV:B
VRWM
VBR Max.
IT
IFSM
( V )
( V )
( mA )
(A)@8.3mS
( V )
IPPM (A)
5KP5.0-G
5.0
6.40
7.30
10
500
9.6
520.83
800
5KP5.0A-G
5.0
6.40
7.00
10
500
9.2
543.48
800
5KP6.0-G
6.0
6.67
8.15
10
500
11.4
438.60
800
5KP6.0A-G
6.0
6.67
7.37
10
500
10.3
485.44
800
5KP6.5-G
6.5
7.22
8.82
10
500
12.3
406.50
500
5KP6.5A-G
6.5
7.22
7.98
10
500
11.2
446.43
500
5KP7.0-G
7.0
7.78
9.51
10
500
13.3
375.94
200
5KP7.0A-G
7.0
7.78
8.60
10
500
12.0
416.67
200
5KP7.5-G
7.5
8.33
10.20
1.0
500
14.3
349.65
100
5KP7.5A-G
7.5
8.33
9.21
1.0
500
12.9
387.60
100
5KP8.0-G
8.0
8.89
10.90
1.0
500
15.0
333.33
50
5KP8.0A-G
8.0
8.89
9.83
1.0
500
13.6
367.65
50
5KP8.5-G
8.5
9.44
11.50
1.0
500
15.9
314.47
20
5KP8.5A-G
8.5
9.44
10.40
1.0
500
14.4
347.22
20
5KP9.0-G
9.0
10.00
12.20
1.0
500
16.9
295.86
10
5KP9.0A-G
9.0
10.00
11.10
1.0
500
15.4
324.68
10
5KP10-G
10.0
11.10
13.60
1.0
500
18.8
265.96
5
5KP10A-G
10.0
11.10
12.30
1.0
500
17.0
294.12
5
5KP11-G
11.0
12.20
14.90
1.0
500
20.1
248.76
5
5KP11A-G
11.0
12.20
13.50
1.0
500
18.2
274.73
5
5KP12-G
12.0
13.30
16.30
1.0
500
22.0
227.27
5
5KP12A-G
12.0
13.30
14.70
1.0
500
19.9
251.26
5
5KP13-G
13.0
14.40
17.60
1.0
500
23.8
210.08
5
5KP13A-G
13.0
14.40
15.90
1.0
500
21.5
232.56
5
5KP14-G
14.0
15.60
19.10
1.0
500
25.8
193.80
5
5KP14A-G
14.0
15.60
17.20
1.0
500
23.2
215.52
5
5KP15-G
15.0
16.70
20.40
1.0
500
26.9
185.87
5
5KP15A-G
15.0
16.70
18.50
1.0
500
24.4
204.92
5
5KP16-G
16.0
17.80
21.80
1.0
500
28.8
173.61
5
5KP16A-G
16.0
17.80
19.70
1.0
500
26.0
192.31
5
5KP17-G
17.0
18.90
23.10
1.0
500
30.5
163.93
5
5KP17A-G
17.0
18.90
20.90
1.0
500
27.6
181.16
5
5KP18-G
18.0
20.00
24.40
1.0
500
32.2
155.28
5
5KP18A-G
18.0
20.00
22.10
1.0
500
29.2
171.23
5
5KP20-G
20.0
22.20
27.10
1.0
500
35.8
139.66
5
5KP20A-G
20.0
22.20
24.50
1.0
500
32.4
154.32
5
5KP22-G
22.0
24.40
29.80
1.0
500
39.4
126.90
5
5KP22A-G
22.0
24.40
26.90
1.0
500
35.5
140.85
5
5KP24-G
24.0
26.70
32.60
1.0
500
43.0
116.28
5
5KP24A-G
24.0
26.70
29.50
1.0
500
38.9
128.53
5
5KP26-G
26.0
28.90
35.30
1.0
500
46.6
107.30
5
5KP26A-G
26.0
28.90
31.90
1.0
500
42.1
118.76
5
5KP28-G
28.0
31.10
38.00
1.0
500
50.1
100.00
5
5KP28A-G
28.0
31.10
34.40
1.0
500
45.4
110.13
5
Part No.
Absolute Maximum Rating (Ta=25
O C)
Electrical Characteristics (Ta=25
Max. Vc @IPPM
Max. IR @VRWM
uA
5KP5.0C-G
5KP5.0CA-G
5KP6.0C-G
5KP6.0CA-G
5KP6.5C-G
5KP6.5CA-G
5KP7.0C-G
5KP7.0CA-G
5KP7.5C-G
5KP7.5CA-G
5KP8.0C-G
5KP8.0CA-G
5KP8.5C-G
5KP8.5CA-G
5KP9.0C-G
5KP9.0CA-G
5KP10C-G
5KP10CA-G
5KP11C-G
5KP11CA-G
5KP12C-G
5KP12CA-G
5KP13C-G
5KP13CA-G
5KP14C-G
5KP14CA-G
5KP15C-G
5KP15CA-G
5KP16C-G
5KP16CA-G
5KP17C-G
5KP17CA-G
5KP18C-G
5KP18CA-G
5KP20C-G
5KP20CA-G
5KP22C-G
5KP22CA-G
5KP24C-G
5KP24CA-G
5KP26C-G
5KP26CA-G
5KP28C-G
5KP28CA-G
Uni
Bi
VBR Min.
Uni
Bi
5KP5.0
5KP5.0A
5KP6.0
5KP6.0A
5KP6.5
5KP6.5A
5KP7.0
5KP7.0A
5KP7.5
5KP7.5A
5KP8.0
5KP8.0A
5KP8.5
5KP8.5A
5KP9.0
5KP9.0A
5KP10
5KP10A
5KP11
5KP11A
5KP12
5KP12A
5KP13
5KP13A
5KP14
5KP14A
5KP15
5KP15A
5KP16
5KP16A
5KP17
5KP17A
5KP18
5KP18A
5KP20
5KP20A
5KP22
5KP22A
5KP24
5KP24A
5KP26
5KP26A
5KP28
5KP28A
5KP5.0C
5KP5.0CA
5KP6.0C
5KP6.0CA
5KP6.5C
5KP6.5CA
5KP7.0C
5KP7.0CA
5KP7.5C
5KP7.5CA
5KP8.0C
5KP8.0CA
5KP8.5C
5KP8.5CA
5KP9.0C
5KP9.0CA
5KP10C
5KP10CA
5KP11C
5KP11CA
5KP12C
5KP12CA
5KP13C
5KP13CA
5KP14C
5KP14CA
5KP15C
5KP15CA
5KP16C
5KP16CA
5KP17C
5KP17CA
5KP18C
5KP18CA
5KP20C
5KP20CA
5KP22C
5KP22CA
5KP24C
5KP24CA
5KP26C
5KP26CA
5KP28C
5KP28CA
( V )
5000W Transient Voltage Suppressor



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com