Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBD8100-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBD8100-G
Description  Chip Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBD8100-G Datasheet(HTML) 2 Page - Comchip Technology

  CDBD8100-G Datasheet HTML 1Page - Comchip Technology CDBD8100-G Datasheet HTML 2Page - Comchip Technology CDBD8100-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FIG.1- Forward Derating Curve
1.0
10
100
FIG.3-Typical Forward Characteristic Per Leg
0.1
CDBD8060-G
Instantaneous Forward Voltage, ( V )
Case Temperature, (°C)
FIG.2-Peak Forward Surge Current
1
2
3
4
5
6
0
0
20
40
60
80
100 120 140 160 180 200
Chip Schottky Barrier Rectifier
Page 2
QW-BB047
REV:A
Comchip Technology CO., LTD.
RATING AND CHARACTERISTIC CURVES (CDBD8060-G Thru. CDBD8100-G)
7
8
9
50
150
200
250
300
0
100
10
100
1
Number of Cycles at 60Hz
0.1
0.3
0.5
0.7
0.9
1.1
CDBD8100-G
1.0
Peraent of Rated Voltage Peak Reverse Voltage, (%)
FIG.4-Typical Reverse Characteristics
0.1
0.001
10
0
20
40
60
120
140
80
100
0.01
CDBD8060-G
CDBD8100-G
TJ=25 °C
TJ=75 °C
TJ=125 °C
Comchip
S M D D i o d e S p e c i a l i s t



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com