Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBFR0130R Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBFR0130R
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBFR0130R Datasheet(HTML) 1 Page - Comchip Technology

  CDBFR0130R Datasheet HTML 1Page - Comchip Technology CDBFR0130R Datasheet HTML 2Page - Comchip Technology CDBFR0130R Datasheet HTML 3Page - Comchip Technology CDBFR0130R Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDBFR0130R
Page 1
QW-A1114
REV:A
Comchip Technology CO., LTD.
A
mA
V
V
1
100
30
35
IO
VR
VRRM
IFSM
8.3ms single half sine-wave superimposed
on rate load(JEDEC method)
OC
OC
+125
+125
-40
TSTG
Tj
Storage temperature
Junction temperature
Average forward current
Reverse voltage
Repetitive peak reverse voltage
Forward current,surge peak
Parameter
Conditions
Symbol Min Typ Max Unit
O
Maximum Rating (at TA=25 C unless otherwise noted)
0.102(2.60)
0.095(2.40)
0.051(1.30)
0.043(1.10)
0.035(0.90)
0.027(0.70)
Dimensions in inches and (millimeter)
0.020(0.50) Typ.
0.040(1.00) Typ.
uA
V
0.5
0.45
IR
VF
Reverse current
Forward voltage
Parameter
Conditions
Symbol Min Typ Max Unit
VR = 10 V
IF = 10 mA
O
Electrical Characteristics (at TA=25 C unless otherwise noted)
SMD Schottky Barrier Diode
Features
-
-Designed for mounting on small surface.
-Extremely thin / leadless package.
-Majority carrier conduction.
Mechanical data
-Case: 1005/SOD-323F standard package
molded plastic.
-Terminals: Gold plated, solderable per
MIL-STD-750,method 2026.
-Marking code: cathode band & BQ
-Mounting position: Any
-Weight: 0.006 gram(approx.).
Low reverse current.
Io = 100 mA
VR = 30 Volts
RoHS Device
1005/SOD-323F


Similar Part No. - CDBFR0130R

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBFR0130R-HF COMCHIP-CDBFR0130R-HF Datasheet
130Kb / 4P
SMD Schottky Barrier Diode
More results

Similar Description - CDBFR0130R

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RB521G30-G COMCHIP-RB521G30-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
CDBF0145 COMCHIP-CDBF0145 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
SMD Schottky Barrier Diode
CDBFR40 COMCHIP-CDBFR40 Datasheet
72Kb / 2P
SMD Schottky Barrier Diode
CDBFR0145 COMCHIP-CDBFR0145 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
CDBFR00340 COMCHIP-CDBFR00340 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBFR0520L COMCHIP-CDBFR0520L Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBU70 COMCHIP-CDBU70 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBUR42 COMCHIP-CDBUR42 Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com