Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBHD220-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBHD220-G
Description  Low VF SMD Schottky Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBHD220-G Datasheet(HTML) 2 Page - Comchip Technology

  CDBHD220-G Datasheet HTML 1Page - Comchip Technology CDBHD220-G Datasheet HTML 2Page - Comchip Technology CDBHD220-G Datasheet HTML 3Page - Comchip Technology CDBHD220-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QW-BL011
RATING AND CHARACTERISTIC CURVES (CDBHD220-G Thru. CDBHD2100-G)
Comchip Technology CO., LTD.
Page 2
REV:B
Low VF SMD Schottky Bridge Rectifiers
Reverse Voltage (Volts)
Percent of Rated Peak Reverse Voltage ( %)
Fig. 4A - Typical Reverse Characteristics
Fig. 5 - Typical Junction Capacitance
0.1
1.0
10
100
100
1000
10
TJ=25 °C
f=1.0MHz
TJ=25 °C
TJ=75 °C
TJ=100 °C
0
20
40
60
80
100
120
140
100
10
1.0
0.1
0.01
0.001
Fig.1 - Forward Current Derating Curve
0
25
50
75
100
125
150
175
Lead Temperature ( °C)
2.4
2.0
1.6
1.2
0.8
0.4
CDBHD220-G ~CDBHD260-G
single phase half wave 60Hz
resistive or inductive load
3.75”(9.5mm) lead length
1
10
100
Fig. 2 - Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles at 60 Hz
1
10
100
TL=110°C
8.3mS single half sine-wave
(JEDEC Method)
TJ=125 °C
10000
1000
100
10
1.0
0.1
0
20
40
60
80
100
TJ=25 °C
T J=100 °C
T J=125 °C
T J=150 °C
Percent of Rated Peak Reverse Voltage ( %)
Fig. 4B - Typical Reverse Characteristics
CDBHD280-G~CDBHD2100-G
CDBHD220-G ~ CDBHD260-G
CDBHD280-G ~ CDBHD2100-G
Fig. 3 - Typical Instantaneour Forward
Characteristics
Instantaneous Forward Voltage (Volts)
0
0.2
0.4
0.6
0.8
1.0
pulse width =300 µS
1% duty cycle, T j
=25 °C
10
1.0
0.1
0.01
CDBHD240-G
CDBHD260-G
CDBHD280-G ~ CDBHD2100-G
CDBHD220-G ~



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com