Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL60H09-0CT Datasheet(PDF) 1 Page - Wabash Transformer Inc.

Part # CL60H09-0CT
Description  Class 2 UL5085-3 Transformer 60VA - 75VA, Non-Inherently Energy Limited
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WABASH [Wabash Transformer Inc.]
Direct Link  http://www.wabashtransformer.com
Logo WABASH - Wabash Transformer Inc.

CL60H09-0CT Datasheet(HTML) 1 Page - Wabash Transformer Inc.

  CL60H09-0CT Datasheet HTML 1Page - Wabash Transformer Inc. CL60H09-0CT Datasheet HTML 2Page - Wabash Transformer Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type BB Foot Mount, Pri & Sec on Same Side - Quick connect terminals
with line and load terminations on the same side of transformer.
Type AE Laydown, Pri & Sec on Top Side - Quick connect terminals
with line and load terminations on the top of transformer.
Type AB Foot Mount, Pri & Sec on Opposite Side - Quick connect
terminals with line and load terminations on opposite sides of transformer
Terminals:
Standard male quick connects - .250” x .032” (6.35 x .81mm).
Other available quick connects - .187” x .032” (4.75 x .81 mm)
Dimensions (Inches)
Internally Fused
w/ Integral Circuit Breaker
Standard Part
A
2.500
3.300
2.500
B
1.000
1.000
1.000
Sales Office:
20
300 W Factory Road, Addison IL 60101 • Phone: (630) 628-9999 • Fax: (630) 628-9922 • www.wabashtransformer.com
Type HX Foot Mount - Steel bracket welded to the
bottom of the laminations for easy mounting
Type GX Panel Mount - 0.218” (5.54 mm) diameter
holes in each corner to allow direct mounting to a panel.
Lead Wires: All leads are 18 AWG stranded 2/64” (0.794 mm)
insulation thickness. Standard parts have 12” (305 mm)
total length with 1/2” (12.7 mm) strip.
* 60 & 75VA transformers must have overcurrent protectors in series with the secondary winding.
* Multi voltage combinations are available - consult factory.
Quick-Connects
Type HX - Foot Mount, Internally Fused
Type HX - Foot Mount, Integral Circuit Breaker
Type GX - Panel Mount
Type AE - Laydown, Pri & Sec on Top side, Internally Fused
Type BB - Foot Mount, Pri & Sec on Same Side
Any application, Any requirement, Contact us for our Custom Designs
Class 2
Class 2 UL5085 -3 Transformer
60VA - 75VA, Non-Inherently Energy Limited
Series: CL - Lead Wires & Quick-Connects
Power Rating 60VA to 75VA
Secondary Fusing Required (Provided by Factory),
Frequency 50/60Hz
Insulation Class B (155°C)
Agency Approvals:
UL/cUL 5085-3 Class 2 Recognized (File E49606)
Insulation File No. E95662
Type AE - Laydown Termination, Pri & Sec on Top Side,
Integral Circuit Breaker
Lead Wires


Similar Part No. - CL60H09-0CT

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL6 SUTEX-CL6 Datasheet
549Kb / 5P
Linear, Fixed, 100mA Constant Current LED Driver
logo
Vaisala
CL61 VAISALA-CL61 Datasheet
138Kb / 2P
Lidar Ceilometer CL61 with depolarization measurement
logo
Lumins Inc.
CL613 LUMINIS-CL613 Datasheet
196Kb / 2P
Heavy cast aluminum top cover with integral LED heat dissipating pad
CL620 LUMINIS-CL620 Datasheet
280Kb / 3P
LED array
logo
Pro-Signal
CL62003X PROSIGNAL-CL62003X Datasheet
29Kb / 1P
IEEE1394 Firewire DV Leads
More results

Similar Description - CL60H09-0CT

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
CL05X00-0CT WABASH-CL05X00-0CT Datasheet
959Kb / 3P
Class 2 UL5085-3 Transformer 5VA - 30VA, Inherently Energy Limited
CL06ES37-000 WABASH-CL06ES37-000 Datasheet
675Kb / 1P
Class 2 UL5085-3 Transformer 6VA, Inherently Energy Limited
CL40E00-000 WABASH-CL40E00-000 Datasheet
853Kb / 2P
Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Inherently Energy Limited
CL40E11-000 WABASH-CL40E11-000 Datasheet
834Kb / 2P
Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Non-Inherently Energy Limited
CL40V00-000 WABASH-CL40V00-000 Datasheet
773Kb / 2P
Class 2 UL5085-3 Transformer 40VA, Core 3/4', Inherently Energy Limited
CL40V11-000 WABASH-CL40V11-000 Datasheet
776Kb / 2P
Class 2 UL5085-3 Transformer 40VA, Core 3/4', Non-Inherently Energy Limited
CL85R01-000 WABASH-CL85R01-000 Datasheet
629Kb / 2P
Class 2 UL5085-3 Transformer 80VA - 100VA, Non-Inherently Energy Limited
logo
TRIAD MAGNETICS
F20-300-C2 TRIAD-F20-300-C2 Datasheet
50Kb / 1P
CLASS 2/3 TRANSFORMER
logo
Bel Fuse Inc.
CL2-20-12 BEL-CL2-20-12 Datasheet
844Kb / 2P
Inherently or Non-Inherently Limited
CL2-25-12 BEL-CL2-25-12 Datasheet
912Kb / 2P
Inherently or Non-Inherently Limited
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com