Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLR137 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # PLR137
Description  Photo link Light Receiver Unit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PLR137 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  PLR137 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PLR137 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PLR137 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PLR137 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PLR137 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PLR137 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PLR137 Datasheet HTML 7Page - Everlight Electronics Co., Ltd PLR137 Datasheet HTML 8Page - Everlight Electronics Co., Ltd PLR137 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1
Page: 2 of 9
Device NO.: DPL-137-002
Prepared Date:2008/3/30
Prepared By: Carryll Hsu
PLR137 SERIES
Package Dimensions
Pin Function
1 : Vout
2 : GND
3 : Vcc
Notes: 1.All dimensions are in mm.
2.General Tolerance: Pin length tolerance <10mm is ±0.25 mm
Pin length tolerance ≧10mm is ±0.5 mm
3.Device Selection Table:
Device Name
Pin Length A1 (mm)
PLR137
Min 12.00
PLR137/S
8.60
±0.25
PLR137/S9
8.00±0.25
PLR137/S17
15.00+1/-0
PLR137/S19
16.00+0.3/-0.1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com