Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP35C Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TIP35C
Description  HIGH POWER TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TIP35C Datasheet(HTML) 2 Page - Unisonic Technologies

  TIP35C Datasheet HTML 1Page - Unisonic Technologies TIP35C Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TIP35C
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 2
www.unisonic.com.tw
QW-R214-013,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage (IE = 0)
VCBO
100
V
Collector-Emitter Voltage (IB = 0)
VCEO
100
V
Emitter-Base Voltage (IC = 0)
VEBO
5
V
Collector Current
IC
25
A
Collector Peak Current
ICM
50
A
Base Current
IB
5
A
Total Dissipation (Tc =25 ℃)
PD
125
W
Junction Temperature
TJ
+150
℃
Storage Temperature
TSTG
-65 ~ +150
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Thermal Resistance Junction-Case
θJC
1
℃
/ W
ELECTRICAL CHARACTERISTICS (Tc =25 ℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Collector Cut-off Current (IB = 0)
ICEO
VCE = 60 V
1
mA
Emitter Cut-off Current (IC = 0)
IEBO
VEB = 5 V
1
mA
Collector Cut-off Current (VBE = 0)
ICES
VCE = Rated VCEO
0.7
mA
Collector-Emitter Sustaining Voltage (IB = 0) VCEO(SUS)*IC = 30 mA
100
V
IB = 1.5 A, IC = 15 A
1.8
V
Collector-Emitter Saturation Voltage
VCE(SAT)*
IB = 5 A, IC = 25 A
4
V
VCE = 4 V, IC = 15 A
2
V
Base-Emitter Voltage
VBE(ON)*
VCE = 4 V, IC = 25 A
4
V
VCE = 4 V, IC = 1.5 A
25
50
DC Current Gain
hFE*
VCE = 4 V, IC = 15 A
10
Transition Frequency
fT
VCE = 10 V, IC = 1 A, f = 1 MHz
3
MHz
Small Signal Current Gain
hfe
VCE = 10 V, IC = 1 A, f = 1 KHz
25
* Pulsed: Pulse Duration = 300 µs, Duty Cycle ≤ 2 %
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com