Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP32CL-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # TIP32CL-TN3-R
Description  PNP EXPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TIP32CL-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  TIP32CL-TN3-R Datasheet HTML 1Page - Unisonic Technologies TIP32CL-TN3-R Datasheet HTML 2Page - Unisonic Technologies TIP32CL-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TIP32C
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R209-017,C
TYPICAL CHARACTERICS
Saturation Voltage vs. Collector Current
-1
-3 -5 -10 -30-50-100 -300 -1000 -3000-10000
-30
-50
-100
-300
-500
-1000
-3000
-5000
-10000
-10
IC=10IB
VBE(SAT)
VCE(SAT)
-4.5
-10
-30
-50 -100
-300
Collector-Emitter Voltage VCE (V)
-0.1
-0.3
-0.5
-1.0
-3.0
-5.0
-10
Sage Operating Area
Collector Current
, IC (mA)
IC MAX. (PULSE)
TIP32C VCEO MAX.
Power Derating
0
50
100
150
200
0
10
20
30
40
Case Temperature, TC(°C)
-1
-3 -5 -10 -30-50 -100 -300 -1000 -3000 -10000
3
5
10
30
50
100
300
500
1000
DC Current Gain
VCE=-4V
Collector Current
, IC (mA)
UTC assum es no responsibility for equipm ent failures that result from using products at v alues that
exceed, ev en m om entarily, rated v alues (such as m axim um ratings, operating condition ranges, or
other param eters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, dev ices or system s where
m alfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The inform ation
presented in this docum ent does not form part of any quotation or contract, is believ ed to be accurate
and reliable and m ay be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com