Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP31CG-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TIP31CG-TN3-R
Description  NPN EXPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TIP31CG-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  TIP31CG-TN3-R Datasheet HTML 1Page - Unisonic Technologies TIP31CG-TN3-R Datasheet HTML 2Page - Unisonic Technologies TIP31CG-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TIP31C
NPN EXPITAXIAL TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R203-010.D
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
100
V
Collector-Emitter Voltage
VCEO
100
V
Emitter-Base Voltage
VEBO
5
V
DC
3
A
Collector Current
Pulse
IC
5
A
Base Current
IB
1
A
TO-126
10
W
TO-220
40
W
Collector Dissipation (TC=25°C)
TO-252
PC
15
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TC=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector Emitter Sustaining Voltage (Note)
BVCEO
IC=30mA, IB=0
100
V
Collector Cutoff Current
ICES
VCB=100V, VEB=0
200
μA
Collector Cutoff Current
ICEO
VCE=60V, IB=0
0.3
mA
Emitter Cutoff Current
IEBO
VBE=5V, IC=0
1
mA
Collector-Emitter Saturation Voltage (Note)
VCE(SAT)
IC=3A, IB=375mA
1.2
V
Base-Emitter On Voltage (Note)
VBE(ON)
IC=3A, VCE=4V
1.8
V
hFE1
IC=1A, VCE=4V
25
DC Current Gain (Note)
hFE2
IC=3A, VCE=4V
10
50
Current Gain Bandwidth Product
fT
IC=0.5A, VCE=10V f=1MHz
3
MHz
Note: Pulse Test: PW≤300μs, Duty Cycle≤2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com