Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP42CL-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TIP42CL-TN3-R
Description  PNP EPITAXIAL PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TIP42CL-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  TIP42CL-TN3-R Datasheet HTML 1Page - Unisonic Technologies TIP42CL-TN3-R Datasheet HTML 2Page - Unisonic Technologies TIP42CL-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TIP42C
PNP PLANAR TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R203-007.E
ABSOLUTE MAXIMUM RATING (unless otherwise specified )
PARAMETER
SYMBOL
RATINGS
UNIT
Collector Base Voltage
VCBO
-100
V
Collector to Emitter Voltage
VCEO
-100
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current (DC)
IC
-6
A
Collector Current (Pulse)
IC
-10
A
Base Current
IB
-2
A
Collector Dissipation (TC=25°C)
TO-220/TO-263
PC
65
W
TO-220F
22
TO-252
20
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TC=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector-Emitter Breakdown Voltage (Note)
BVCEO
IC=-30mA, IB=0
-100
V
Collector Cutoff Current
ICEO
VCE=-60V, IB=0
-0.7
mA
Collector Cutoff Current
ICES
VCE=-100V, VEB=0
-400
μA
Emitter Cutoff Current
IEBO
VBE=-5V, IC=0
-1
mA
Collector-Emitter Saturation Voltage (Note)
VCE(SAT) IC=-6A, IB=-600mA
-1.5
V
Base-Emitter on Voltage (Note)
VBE(ON)
VCE=-4V, IC=-6A,
-2.0
V
DC Current Gain (Note)
hFE
VCE=-4V, IC=-300mA
30
VCE=-4V, IC=-3A
15
75
Current Gain Bandwidth Product
fT
VCE=-10V, IC=-500mA, f=1MHz
3
MHz
Note: Pulse Test: PW≤300μs, Duty Cycle≤2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com