Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBMHT120-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBMHT120-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBMHT120-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBMHT120-HF Datasheet HTML 1Page - Comchip Technology CDBMHT120-HF Datasheet HTML 2Page - Comchip Technology CDBMHT120-HF Datasheet HTML 3Page - Comchip Technology CDBMHT120-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Reverse Voltage: 20 to 150 Volts
Forward Current: 1.0 Amp
RoHS Device
CDBMHT120-HF Thru. CDBMHT1150-HF
Page 1
QW-JB033
SMD Schottky Barrier Rectifiers
REV:A
Comchip Technology CO., LTD.
Parameter
Symbol
Unit
Repetitive peak reverse voltage
Continuous reverse voltage
RMS voltage
Max. Forward rectified current
Maximum forward voltage at IF=1.0A
Max. Forward surge current, 8.3ms single
half sine-wave superimposed on rated
load (JEDEC method)
Max.Reverse current
VR=VRRM TJ=25°C
Typ. Thermal resistance
Typ. Diode Junction capacitance (Note 1)
VRRM
VR
VRMS
IO
VF
IFSM
IR
RθJC
CJ
TJ
CDBMH
T120-HF
CDBMH
T140-HF
CDBMH
T160-HF
CDBMH
T180-HF
20
20
14
40
40
28
60
60
42
1.0
0.70
25
0.5
10
30
80
80
56
100
100
70
V
V
V
A
V
A
mA
°C/W
°C
0.50
0.85
Note :
Operating temperature
Storage temperature range
TSTG
-65 to +175
°C
-55 to +125
-55 to +150
120
pF
CDBMH
T130-HF
30
30
21
CDBMH
T150-HF
50
50
35
1. F=1MHz and applied 4V DC reverse voltage
VR=VRRM TJ=100°C
IR
Mechanical data
Features
-Low power loss, high efficiency.
-High current capability, low forward voltage drop.
-High surge capability.
-Guardring for overvoltage protection.
-Ultra high-speed switching.
-Silicon epitaxial planar chip, metal silicon junction.
-Lead-free parts meet environmental standards of
MIL-STD-19500/228
-Case: Molded plastic, SOD-123HT/Mini SMA.
-Terminals: Solderable per MIL-STD-750, method 2026.
-Polarity: Indicated by cathode band.
-Weight: 0.011 grams approx.
-Mounting Position : Any.
-Epoxy : UL94-V0 rated flame retardant.
Dimensions in inches and (millimeter)
SOD-123HT
0.146(3.70)
0.130(3.30)
0.012(0.30) Typ.
0.071(1.80)
0.055(1.40)
0.039(1.00)
0.024(0.60)
0.031(0.80) Typ.
0.047(1.20)
0.039(1.00)
0.047(1.20)
0.039(1.00)
0.031(0.80) Typ.
0.035(0.90)
0.028(0.70)
150
150
105
CDBMH
T1100-HF
CDBMH
T1150-HF
0.92
Halogen Free
Electrical Characteristics (at TA=25°C unless otherwise noted)
-Excellent power dissipation offers better reverse
leakage current and thermal resistance.
-Low profile package is 40% thinner than standards
SOD-123.
-Heat sink bottom.


Similar Part No. - CDBMHT120-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBMHT3100-HF COMCHIP-CDBMHT3100-HF Datasheet
269Kb / 4P
SMD Schottky Barrier Rectifiers
CDBMHT340-HF COMCHIP-CDBMHT340-HF Datasheet
269Kb / 4P
SMD Schottky Barrier Rectifiers
CDBMHT360-HF COMCHIP-CDBMHT360-HF Datasheet
269Kb / 4P
SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBMHT120-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
SMD Schottky Barrier Rectifiers
CDBA220-HF COMCHIP-CDBA220-HF Datasheet
94Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA320-G COMCHIP-CDBA320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA3150-HF COMCHIP-CDBA3150-HF Datasheet
97Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB320-G COMCHIP-CDBB320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB5150-HF COMCHIP-CDBB5150-HF Datasheet
98Kb / 4P
SMD Schottky Barrier Rectifiers
CDBC3150-HF COMCHIP-CDBC3150-HF Datasheet
96Kb / 4P
SMD Schottky Barrier Rectifiers
CDBFN120-HF COMCHIP-CDBFN120-HF_12 Datasheet
95Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com