Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL074G-S14-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # TL074G-S14-R
Description  LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL074G-S14-R Datasheet(HTML) 5 Page - Unisonic Technologies

  TL074G-S14-R Datasheet HTML 1Page - Unisonic Technologies TL074G-S14-R Datasheet HTML 2Page - Unisonic Technologies TL074G-S14-R Datasheet HTML 3Page - Unisonic Technologies TL074G-S14-R Datasheet HTML 4Page - Unisonic Technologies TL074G-S14-R Datasheet HTML 5Page - Unisonic Technologies TL074G-S14-R Datasheet HTML 6Page - Unisonic Technologies TL074G-S14-R Datasheet HTML 7Page - Unisonic Technologies TL074G-S14-R Datasheet HTML 8Page - Unisonic Technologies TL074G-S14-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TL074
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 10
www.unisonic.com.tw
QW-R105-005. G
ELECTRICAL CHARACTERISTICS
(
Vcc=±15V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
VI(OFF)
Rs=50
Ω
TA=25°C
3
6
mV
TMIN≤TA≤TMAX
7
mV
Temperature Coefficient of Input
Offset Voltage
Δ
VI(OFF)
Rs=50
Ω
10
μV/°C
Input Offset Current (Note)
II(OFF)
TA=25°C
5
100
pA
TMIN≤TA≤TMAX
4
nA
Input Bias Current (Note)
II(BIAS)
TA=25°C
20
200
pA
TMIN≤TA≤TMAX
20
nA
Input Common Mode Voltage
VI(CM)
±11
-12~+15
V
Output Voltage Swing
VO(SW)
RL=2kΩ
TA=25°C
10
12
V
RL=10kΩ
12
13.5
V
RL=2kΩ
TMIN≤TA≤TMAX
10
V
RL=10kΩ
12
V
Large Signal Voltage Gain
GV
RL=10kΩ,
VOUT=±10V
TA=25°C
50
200
V/mV
TMIN≤TA≤T MAX
25
V/mV
Gain Bandwidth Product
GBW
RL=10kΩ, CL=100pF
2
3
MHz
Input Resistance
RIN
10
12
Ω
Common Mode Rejection Ratio
CMR
RS=50Ω
TA=25°C
80
86
dB
TMIN≤TA≤T MAX
80
dB
Supply Voltage Rejection Ratio
SVR
RS=50Ω
TA=25°C
80
86
dB
TMIN≤TA≤T MAX
80
dB
Supply Current
ICC
No Load
TA=25°C
1.4
2.5
mA
TMIN≤TA≤T MAX
2.5
mA
Channel Separation
V01/V02
Gv=100
120
dB
Output Short-circuit Current
IO(SC)
TA=25°C
10
40
60
mA
TMIN≤TA≤T MAX
10
60
mA
Slew Rate
SR
VIN=10V, RL=2kΩ, CL=100pF,
unity gain
8
13
V/
μs
Rise Time
tR
VIN=20mV, RL=2kΩ, CL=100pF,
unity gain
0.1
μs
Overshoot Factor
Kov
VIN=20mV, RL=2kΩ, CL=100pF,
unity gain
10
%
Total Harmonic Distortion
THD
Gv=20dB, f=1kHz, RL=2kΩ,
CL=100pF, VOUT=2Vpp)
0.01
%
Phase Margin
45
Deg.
Equivalent Input Noise Voltage
eN
RS=100Ω, f=1KHz
15
Note: The Input bias currents are junction leakage currents, which approximately double for every 10
°C increase in
the junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com