Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431NSL-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TL431NSL-AE3-R
Description  4PROGRAMMABLE PRECISION REFERENCE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL431NSL-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  TL431NSL-AE3-R Datasheet HTML 1Page - Unisonic Technologies TL431NSL-AE3-R Datasheet HTML 2Page - Unisonic Technologies TL431NSL-AE3-R Datasheet HTML 3Page - Unisonic Technologies TL431NSL-AE3-R Datasheet HTML 4Page - Unisonic Technologies TL431NSL-AE3-R Datasheet HTML 5Page - Unisonic Technologies TL431NSL-AE3-R Datasheet HTML 6Page - Unisonic Technologies TL431NSL-AE3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TL431
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R103-003.AG
4PROGRAMMABLE PRECISION
REFERENCE
DESCRIPTION
The UTC TL431 is a three-terminal adjustable regulator with a
guaranteed thermal stability over applicable temperature ranges.
The output voltage may be set to any value between VREF
(approximately 2.5V) and 36V with two external resistors. It provides
very wide applications, including shunt regulator, series regulator,
switching regulator, voltage reference and others.
FEATURES
* Programmable output Voltage to 36V.
* Low dynamic output impedance 0.2Ω.
* Sink current capability of 1.0 to 100mA.
* Equivalent full-range temperature coefficient of 50ppm/ ℃
typical for operation over full rated operating temperature range.
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
4
5
6
7
8
TL431K-AB3-R
TL431G-AB3-R
SOT-89
R
A
K
-
-
-
-
-
Tape Reel
TL431K-AE2-R
TL431G-AE2-R
SOT-23-3
K
R
A
-
-
-
-
-
Tape Reel
TL431K-AE3-R
TL431G-AE3-R
SOT-23
K
R
A
-
-
-
-
-
Tape Reel
TL431NSL-AE3-R
TL431NSG-AE3-R
SOT-23
R
K
A
-
-
-
-
-
Tape Reel
TL431NSL-AE2-R
TL431NSG-AE2-R
SOT-23-3
R
K
A
-
-
-
-
-
Tape Reel
TL431K-AF5-R
TL431G-AF5-R
SOT-25
X
X
K
R
A
-
-
-
Tape Reel
TL431K-S08-R
TL431G-S08-R
SOP-8
K
A
A
X
X
A
A
R
Tape Reel
TL431K-S08-T
TL431G-S08-T
SOP-8
K
A
A
X
X
A
A
R
Tube
TL431K-T92-B
TL431G-T92-B
TO-92
R
A
K
-
-
-
-
-
Tape Box
TL431K-T92-K
TL431G-T92-K
TO-92
R
A
K
-
-
-
-
-
Bulk
TL431K-T92-R
TL431G-T92-R
TO-92
R
A
K
-
-
-
-
-
Tape Reel
Note: Pin Code: K: Cathode
A: Anode
R: Reference
X: No Connection


Similar Part No. - TL431NSL-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL431NSL-AE3-R UTC-TL431NSL-AE3-R Datasheet
87Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
TL431NSL-AE3-R UTC-TL431NSL-AE3-R Datasheet
242Kb / 7P
PROGRAMMABLE PRECISION REFERENCE
TL431NSL-AE3-R UTC-TL431NSL-AE3-R Datasheet
336Kb / 6P
PROGRAMMABLE PRECISION REFERENCE
More results

Similar Description - TL431NSL-AE3-R

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
Precision Reference
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
Precision Reference?
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
Precision Reference
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
Precision Reference
logo
Linear Technology
LM199 LINER-LM199_1 Datasheet
141Kb / 8P
Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
Precision Reference
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
Precision Reference
logo
Linear Technology
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
Precision Reference
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
Precision Reference
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com