Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBV130-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBV130-G
Description  SMD Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBV130-G Datasheet(HTML) 1 Page - Comchip Technology

  CDBV130-G Datasheet HTML 1Page - Comchip Technology CDBV130-G Datasheet HTML 2Page - Comchip Technology CDBV130-G Datasheet HTML 3Page - Comchip Technology CDBV130-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDBV120-G Thru. CDBV140-G
Forward current: 1.0A
Reverse voltage: 20 to 40V
RoHS Device
QW-BB015
Page 1
REV:B
Features
-For use in low voltage, high frequency inverters.
-Free wheeling, and polarity protection applications.
Mechanical Data
-Case: SOD-323, molded plastic.
-Terminals: solderable per MIL-STD-750, method
2026.
-Polarity: indicated by cathode end.
Marking
CDBV120-G: SJ
CDBV130-G: SK
CDBV140-G: SL
Dimensions in inches and (millimeter)
SOD-323
Parameter
Unit
Maximum Ratings (At Ta=25°C, unless otherwise noted)
Non-repetitive peak reverse voltage
Peak repetitive peak reverse voltage
Working peak reverse voltage
DC blocking voltage
RMS reverse voltage
Average rectified output current
Peak forward surge current @8.3ms
Repetitive peak forward current
Power dissipation
Thermal resistance, junction to ambient
Storage temperature
Symbol
CDBV120-G
0.071 (1.80)
0.063 (1.60)
0.055 (1.40)
0.047 (1.20)
0.106 (2.70)
0.098 (2.50)
0.035 (0.90)
0.031 (0.80)
0.014 (0.35)
0.010 (0.25)
0.019 (0.475)REF
0.006 (0.150)
0.004 (0.10)max
CDBV130-G
CDBV140-G
VRM
VRRM
VRWM
VR
VR(RMS)
IO
IFSM
IFRM
PD
RθJA
TSTG
20
20
14
30
30
21
1
9
1.5
250
500
-65 ~ +150
40
40
28
V
V
V
A
A
A
mW
°C/W
°C
Parameter
Unit
Electrical Characteristics (At Ta=25°C, unless otherwise noted)
Reverse breakdown voltage
Reverse voltage leakage current
Forward voltage
Diode capacitance
Symbol
Min.
Max.
20
30
40
V
mA
V
pF
Conditions
CDBV120-G
CDBV130-G
CDBV140-G
CDBV120-G
CDBV130-G
CDBV140-G
CDBV120-G
CDBV130-G
CDBV140-G
CDBV120-G
CDBV130-G
CDBV140-G
VR=4V, f=1MHz
VBR
IR
VF
CD
1
0.45
0.55
0.60
0.75
0.875
0.90
120
IR=1mA
VR=20V
VR=30V
VR=40V
IF=1A
IF=3A
Comchip Technology CO., LTD.
SMD Schottky Barrier Diodes
0.003 (0.080)


Similar Part No. - CDBV130-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBV130-G COMCHIP-CDBV130-G Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
More results

Similar Description - CDBV130-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBW0520 COMCHIP-CDBW0520 Datasheet
59Kb / 2P
SMD Schottky Barrier Diodes
CDBW0520L-G COMCHIP-CDBW0520L-G Datasheet
450Kb / 2P
SMD Schottky Barrier Diodes
CDBW120-G COMCHIP-CDBW120-G_12 Datasheet
103Kb / 4P
SMD Schottky Barrier Diodes
RB521BS-30 COMCHIP-RB521BS-30 Datasheet
316Kb / 4P
SMD Schottky Barrier Diodes
RB521BS-30 COMCHIP-RB521BS-30 Datasheet
316Kb / 4P
SMD Schottky Barrier Diodes
logo
Diotec Semiconductor
LL101B DIOTEC-LL101B_16 Datasheet
142Kb / 2P
SMD Schottky Barrier Diodes
SD101AW DIOTEC-SD101AW_16 Datasheet
132Kb / 2P
SMD Schottky Barrier Diodes
SD103AW DIOTEC-SD103AW_16 Datasheet
131Kb / 2P
SMD Schottky Barrier Diodes
logo
Comchip Technology
CDBQC0530L-HF COMCHIP-CDBQC0530L-HF Datasheet
81Kb / 4P
SMD Schottky Barrier Diodes
RB521G-30HF COMCHIP-RB521G-30HF Datasheet
191Kb / 4P
SMD Schottky Barrier Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com