Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBV140-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBV140-G
Description  SMD Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBV140-G Datasheet(HTML) 2 Page - Comchip Technology

  CDBV140-G Datasheet HTML 1Page - Comchip Technology CDBV140-G Datasheet HTML 2Page - Comchip Technology CDBV140-G Datasheet HTML 3Page - Comchip Technology CDBV140-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (CDBV120-G Thru. CDBV140-G)
Page 2
QW-BB015
Fig.1- Forward Current Derating Curve
0
Case Temperature (°C)
0
75
175
Fig.2- Maximum Non-Repetitive Peak
Forward Surge Current
0
Number of Cycles at 60Hz
1
100
Fig.3- Typical Instantaneous Forward
Characteristics
0.01
Instantaneous Forward Voltage (V)
0
0.1
1.4
50
100
10
125
1
2
10
25
Fig.4- Typical Reverse Characteristics
0.001
Percent of Rated Peak Reverse Voltage (%)
0.1
1.0
1.8
100
25
150
0.5
20
1
Fig.5- Typical Junction Capacitance
10
Reverse Voltage (V)
10
100
400
0.1
100
REV:B
Inductive or resistive load
0.375" (9.5mm) lead length
10
0.2
0.4
0.6
0.8
1.2
0.01
0
100
20
40
60
80
1
100
5
15
30
Pulse width=300μs
1% duty cycle
O
TJ=25 C
O
TJ=125 C
1.0
10
O
TJ=75 C
O
TJ=25 C
O
TJ=125
O
TJ=25 C
f=1MHz
Vsig=50mV
Fig.6- Typical Transient Thermal Impedance
0.1
t-Pulse Duration (Sec.)
10
10
100
0.01
100
1
0.1
1
Comchip Technology CO., LTD.
SMD Schottky Barrier Diodes



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com