Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBW0540-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBW0540-G
Description  SMD Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBW0540-G Datasheet(HTML) 2 Page - Comchip Technology

  CDBW0540-G Datasheet HTML 1Page - Comchip Technology CDBW0540-G Datasheet HTML 2Page - Comchip Technology CDBW0540-G Datasheet HTML 3Page - Comchip Technology CDBW0540-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QW-BB001
RATING AND CHARACTERISTIC CURVES (CDBW0520L-G thru CDBW0540-G)
Forward voltage (V)
0.6
0.4
0
Fig.1 Forward Characteristics
0.01
0.1
1
10
Lead Temperature (°C)
0
Fig.2 Current Derating Curve
0
0.2
0.6
1.0
1.2
50
Reverse Voltage (V)
0
Fig.3 Total Capacitance vs. Reverse
voltage
0.1
1000
5
10
15
25
Comchip Technology CO., LTD.
Page 2
REV:B
25
100
150
125
1
10
100
1.0
0.2
0.8
SMD Schottky Barrier Diodes
CDBW0520L-G
CDBW0530-G
CDBW0540-G
75
0.4
0.8
Mounted on glass
epoxy PCB
20
f=1.0MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com