Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDST19-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CDST19-G
Description  SMD Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDST19-G Datasheet(HTML) 1 Page - Comchip Technology

  CDST19-G Datasheet HTML 1Page - Comchip Technology CDST19-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDST19-G/20-G
Features
-Fast switching diode.
-Surface mount package ideally for automatic
insertion.
-For general purpose switching applications.
-High conductance.
Mechanical data
-Case: SOT-23
-Terminals: Solder plated, solderable per MIL-
STD-750, Method 2026.
-Weight: 0.008 gram.
-Marking: CDST19-G
JP
CDST20-G
JR
Circuit Diagram
High Speed
RoHS Device
Maximum Rating (at Ta=25°C unless otherwise noted)
OC
mA
V
V
-65 ~ +150
500
200
TJ
RθJA
VRM
VR
IO
Junction temperature
Power dissipation
Thermal resistance-Junction to ambient air
DC blocking voltage
Non-Repetitive peak reverse voltage
Parameter
Symbol
CDST20-G
Unit
TSTG
Average rectified output current
Storage temperature range
PD
250
150
mW
SOT-23
Dimensions in inches and (millimeters)
0.066 (1.70)
1
2
3
0.119 (3.00)
0.110 (2.80)
0.103 (2.60)
0.086 (2.20)
0.020 (0.50)
0.013 (0.35)
0.056 (1.40)
0.047 (1.20)
0.044 (1.10)
0.035 (0.90)
0.083 (2.10)
0.007 (0.20) min
0.006 (0.15) max
0.006 (0.15)
0.002 (0.05)
+
-
CDST19-G
100
100
150
150
OC
OC/W
O
Electrical Characteristics (at TA=25
C unless otherwise noted)
V
UA
V
50
1
1.25
0.1
trr
VBR
IR
VF
Junction capacitance
Reverse recovery time
Reverse leakage current
Reverse breakdown voltage
Parameter
Symbol
Min
Max
Unit
Forward voltage
CJ
5
pF
Test Conditions
100
150
nS
CDST19-G
CDST20-G
CDST19-G
CDST20-G
IR=100uA
VR=100V
VR=150V
IF=100mA
IF=200mA
VR=0V, f=1MHZ
IF=IR=30mA, Irr=0.1XIR
Page 1
QW-B0021
REV:A
Comchip Technology CO., LTD.
1
2
3
SMD Switching Diodes


Similar Part No. - CDST19-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDST19-G COMCHIP-CDST19-G Datasheet
75Kb / 2P
SMD Switching Diode
More results

Similar Description - CDST19-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSH3-21-G COMCHIP-CDSH3-21-G Datasheet
56Kb / 2P
SMD Switching Diodes
1SS400-G COMCHIP-1SS400-G_12 Datasheet
102Kb / 4P
SMD Switching Diodes
CDSH3-4448 COMCHIP-CDSH3-4448 Datasheet
69Kb / 2P
SMD Switching Diodes
CDST-19-G COMCHIP-CDST-19-G Datasheet
375Kb / 4P
SMD Switching Diodes
CDSH3-4448-G COMCHIP-CDSH3-4448-G Datasheet
69Kb / 2P
SMD Switching Diodes
CDSH3-4448-G COMCHIP-CDSH3-4448-G_15 Datasheet
69Kb / 2P
SMD Switching Diodes
BAS521-HF COMCHIP-BAS521-HF Datasheet
526Kb / 4P
SMD Switching Diodes
CDST-19 COMCHIP-CDST-19 Datasheet
375Kb / 4P
SMD Switching Diodes
1SS355-HF COMCHIP-1SS355-HF Datasheet
494Kb / 4P
SMD Switching Diodes
REV:A
1SS400-HF COMCHIP-1SS400-HF Datasheet
505Kb / 5P
SMD Switching Diodes
REV:C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com