Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDSV16-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CDSV16-G
Description  SMD Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDSV16-G Datasheet(HTML) 2 Page - Comchip Technology

  CDSV16-G Datasheet HTML 1Page - Comchip Technology CDSV16-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Typical Characteristics (CDSV16-G)
Page 2
SMD Switching Diode
QW-B0027
Fig.1 - Forward Characteristics
Fig.2 - Leakage current V.S. Junction Temperature
REV:A
0.01
0.1
1
10
100
1000
0
1
2
VF, Instantaneous Forward Voltage (V)
1
10
100
1,000
10,000
0
100
200
Tj, Junction Temperature (
oC)
VR=20V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com