Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL5001G-S08-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # TL5001G-S08-R
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL5001G-S08-R Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button TL5001G-S08-R Datasheet HTML 2Page - Unisonic Technologies TL5001G-S08-R Datasheet HTML 3Page - Unisonic Technologies TL5001G-S08-R Datasheet HTML 4Page - Unisonic Technologies TL5001G-S08-R Datasheet HTML 5Page - Unisonic Technologies TL5001G-S08-R Datasheet HTML 6Page - Unisonic Technologies TL5001G-S08-R Datasheet HTML 7Page - Unisonic Technologies TL5001G-S08-R Datasheet HTML 8Page - Unisonic Technologies TL5001G-S08-R Datasheet HTML 9Page - Unisonic Technologies TL5001G-S08-R Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TL5001
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 13
www.unisonic.com.tw
QW-R103-016,D
DETAILED DESCRIPTION
VOLTAGE REFERENCE
A 2.5-V regulator operating from VCC is used to power the internal circuitry of the TL5001 and as a reference for
the error amplifier and SCP circuit. A resistive divider provides a 1-V reference for the error amplifier non-inverting
input which typically is within 2% of nominal over the operating temperature range.
ERROR AMPLIFIER
The error amplifier compares a sample of the dc-to-dc converter output voltage to the 1-V reference and generates
an error signal for the PWM comparator. The dc-to-dc converter output voltage is set by selecting the error –amplifier
gain (see Fig. 1), using the following expression.
VOUT = (1+R1/R2) (1V)
The error-amplifier output is brought out as COMP for use in compensating the dc-to-dc converter control loop for
stability. Because the amplifier can only source 45µA, the total dc load resistance should be 100kΩ or more.
OSCILLATOR/PWM
The oscillator frequency (fOSC) can be set between 20kHz and 500kHz by connecting a resistor between RT and
GND .Acceptable resistor values range from 15 kΩ to 250 kΩ. The oscillator frequency can be determined by using
the graph shown in Fig. 5.
The oscillator output is a triangular wave with a minimum value of approximately 0.7V and a maximum value of
approximately 1.3V. The PWM comparator compares the error-amplifier output voltage and the DTC input voltage to
the triangular wave and turns the output transistor off whenever the triangular wave is greater than the lesser of the
two inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com