Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDSX400B Datasheet(PDF) 3 Page - Comchip Technology

Part # CDSX400B
Description  SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDSX400B Datasheet(HTML) 3 Page - Comchip Technology

  CDSX400B Datasheet HTML 1Page - Comchip Technology CDSX400B Datasheet HTML 2Page - Comchip Technology CDSX400B Datasheet HTML 3Page - Comchip Technology CDSX400B Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
D1
D2
D
W1
Direction of Feed
Reel Taping Specification
E
F
P
P0
P1
T
W
W1
SOD-923
SYMBOL
(mm)
(inch)
0.069
0.004
±
0.138
0.002
±
0.079
0.002
±
0.157
0.004
±
0.079
0.002
±
0.008
0.001
±
0.315
0.006
±
0.484
± 0.040
2.00
0.05
±
3.50
0.05
±
1.75
0.10
±
4.00
0.10
±
2.00
0.05
±
0.20
0.02
±
8.00
0.15
±
12.3 ± 1.00
B
C
d
D
D2
D1
SOD-923
SYMBOL
A
(mm)
(inch)
0.027
0.002
±
0.052 0.002
±
0.018 0.002
±
0.061
0.004
±
7.008
0.04
±
2.142
± 0.02
0.512
0.002
±
0.68
0.05
±
1.32 0.05
±
1.55
0.10
±
54.4 ± 0.4
1.30
0.05
±
0.46
0.05
±
178 1
±
Index hole
d
E
F
W
A
P
P0
P1
B
Polarity
Page 3
REV:A
QW-B0046
T
C
SMD Switching Diode



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com