Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFRM103-G Datasheet(PDF) 4 Page - Comchip Technology

Part # CFRM103-G
Description  SMD Fast Recovery Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CFRM103-G Datasheet(HTML) 4 Page - Comchip Technology

  CFRM103-G Datasheet HTML 1Page - Comchip Technology CFRM103-G Datasheet HTML 2Page - Comchip Technology CFRM103-G Datasheet HTML 3Page - Comchip Technology CFRM103-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 2
QW-BF006
REV:C
Comchip Technology CO., LTD.
Part Number
F1
Marking Code
Marking Code
CFRM101-G
XX
CFRM103-G
CFRM105-G
CFRM106-G
F3
F5
F6
CFRM104-G
F4
CFRM102-G
F2
CFRM107-G
F7
SMD Fast Recovery Rectifiers
A
B
C
E
D
Suggested PAD Layout
SIZE
(inch)
0.130
(mm)
3.30
1.40
1.90
0.055
0.075
4.70
0.185
E
1.90
0.075
B
C
D
A
Mini-SMA/SOD-123
xx= Product type marking code
Standard Packaging
Case Type
2,500
REEL
( pcs )
Reel Size
(inch)
7
REEL PACK
/ SOD-123
Mini-SMA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com