Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFRC305-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CFRC305-G
Description  SMD Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CFRC305-G Datasheet(HTML) 1 Page - Comchip Technology

  CFRC305-G Datasheet HTML 1Page - Comchip Technology CFRC305-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Fast Recovery Rectifiers
Reverse Voltage: 50 to 1000 Volts
Forward Current: 3.0 Amp
RoHS Device
Page 1
REV:A
Features
-Ideal for surface mount applications.
-Easy pick and place.
-Plastic package has Underwriters Lab.
flammability classification 94V-0.
-Fast recovery time: 150~500nS.
-Low leakage current.
Mechanical data
-Case: JEDEC DO-214AB, molded plastic.
-Terminals: solderable per MIL-STD-750,
method 2026.
-Polarity: Color band denotes cathode end.
-Approx. weight: 0.21 grams
CFRC301-G Thru. CFRC307-G
Maximum Ratings and Electrical Characteristics
Dimensions in inches and (millimeter)
DO-214AB (SMC)
QW-BF004
CFRC
301-G
2
Notes: 1. Thermal resistance from junction to lead mounted on P.C.B. with 8.0×8.0 mm square land area.
Comchip Technology CO., LTD.
Max. repetitive peak reverse voltage
Max. DC blocking voltage
Max. RMS voltage
Peak surge forward current, 8.3ms
single half sine-wave superimposed
on rate load (JEDEC method)
Max. average forward current
Max. instantaneous forward voltage at
3.0A
Reverse recovery time
O
Max. DC reverse current at
TA=25
C
O
rated DC blocking voltage
TA=125
C
Max. thermal resistance (Note 1)
Max. operating junction temperature
Storage temperature
CFRC
302-G
CFRC
303-G
CFRC
304-G
CFRC
305-G
Units
Symbol
Parameter
VRRM
VDC
VRMS
IFSM
IO
VF
Trr
IR
RθJA
TJ
TSTG
50
50
35
100
100
70
200
200
140
400
400
280
100
3.0
1.3
5.0
250
50
150
-55 to +150
600
600
420
250
V
V
V
A
A
V
nS
μA
OC/W
OC
OC
CFRC
306-G
CFRC
307-G
800
800
560
1000
1000
700
150
500
0.245(6.22)
0.220(5.59)
0.124(3.15)
0.108(2.75)
0.320(8.13)
0.305(7.75)
0.012(0.31)
0.006(0.15)
0.008(0.20)
0.004(0.10)
0.050(1.27)
0.030(0.76)
0.103(2.62)
0.079(2.00)
0.280(7.11)
0.260(6.60)


Similar Part No. - CFRC305-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CFRC305-G COMCHIP-CFRC305-G Datasheet
49Kb / 2P
SMD Fast Recovery Rectifiers
More results

Similar Description - CFRC305-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CFRC301-G COMCHIP-CFRC301-G Datasheet
49Kb / 2P
SMD Fast Recovery Rectifiers
CFRM101-G COMCHIP-CFRM101-G Datasheet
49Kb / 2P
SMD Fast Recovery Rectifiers
CEFC301-G COMCHIP-CEFC301-G_12 Datasheet
63Kb / 2P
SMD Efficient Fast Recovery Rectifiers
CFRA101-G COMCHIP-CFRA101-G_12 Datasheet
63Kb / 2P
SMD Fast Recovery Rectifiers
CFRB201-G COMCHIP-CFRB201-G_12 Datasheet
63Kb / 2P
SMD Fast Recovery Rectifiers
CFRM101-G COMCHIP-CFRM101-G_12 Datasheet
96Kb / 4P
SMD Fast Recovery Rectifiers
CFRM101-HF COMCHIP-CFRM101-HF Datasheet
96Kb / 4P
SMD Fast Recovery Rectifiers
CFRA201-G COMCHIP-CFRA201-G Datasheet
94Kb / 4P
SMD Fast Recovery Rectifiers
CFRA201-G COMCHIP-CFRA201-G Datasheet
94Kb / 4P
SMD Fast Recovery Rectifiers
logo
Formosa MS
FFM101-MS FORMOSA-FFM101-MS Datasheet
96Kb / 7P
SMD Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com