Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74ACT08 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74ACT08
Description  QUAD 2-INPUT AND GATE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74ACT08 Datasheet(HTML) 1 Page - Unisonic Technologies

  U74ACT08 Datasheet HTML 1Page - Unisonic Technologies U74ACT08 Datasheet HTML 2Page - Unisonic Technologies U74ACT08 Datasheet HTML 3Page - Unisonic Technologies U74ACT08 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74ACT08
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R126-006.C
QUAD 2-INPUT AND GATE
DESCRIPTION
The U74ACT08 consists of four 2-INPUT AND GATE, it provides
the function Y=A*B, the device is designed to interface directly High
Speed CMOS systems with TTL, NMOS and CMOS output voltage
levels.
FEATURES
* Operation Voltage Range: 4.5~5.5V
* Low Power Dissipation:
ICC=4μA(Max)
* High Noise Immunity
* Compatible With TTL Output
DIP-14
SOP-14
TSSOP-14
ORDERING INFORMATION
Ordering Number
Lead Free Plating
Halogen Free
Package
Packing
U74ACT08L-D14-T
U74ACT08G-D14-T
DIP-14
Tube
U74ACT08L-S14-R
U74ACT08G-S14-R
SOP-14
Tape Reel
U74ACT08L-P14-R
U74ACT08G-P14-R
TSSOP-14
Tape Reel


Similar Part No. - U74ACT08

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74ACT08G-D14-T UTC-U74ACT08G-D14-T Datasheet
184Kb / 4P
QUAD 2-INPUT AND GATE
U74ACT08G-P14-R UTC-U74ACT08G-P14-R Datasheet
184Kb / 4P
QUAD 2-INPUT AND GATE
U74ACT08G-S14-R UTC-U74ACT08G-S14-R Datasheet
184Kb / 4P
QUAD 2-INPUT AND GATE
U74ACT08L-D14-T UTC-U74ACT08L-D14-T Datasheet
184Kb / 4P
QUAD 2-INPUT AND GATE
U74ACT08 UTC-U74ACT08_15 Datasheet
184Kb / 4P
QUAD 2-INPUT AND GATE
More results

Similar Description - U74ACT08

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
Quad 2-Input AND Gate
1999 REV 0
logo
STMicroelectronics
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
QUAD 2-INPUT AND GATE
Feb-1993
M74HC08 STMICROELECTRONICS-M74HC08 Datasheet
171Kb / 8P
QUAD 2-INPUT AND GATE
Jul-2001
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
QUAD 2-INPUT AND GATE
logo
Rohm
BU4081B ROHM-BU4081B Datasheet
50Kb / 4P
Quad 2-input AND gate
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
Quad 2-Input AND Gate
logo
STMicroelectronics
74VHCT08A STMICROELECTRONICS-74VHCT08A_04 Datasheet
217Kb / 11P
QUAD 2-INPUT AND GATE
16-Dec-2004
logo
IK Semicon Co., Ltd
IN74VHCT08 IKSEMICON-IN74VHCT08 Datasheet
254Kb / 6P
Quad 2-Input AND Gate
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com