Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74ACT86 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74ACT86
Description  QUAD EXCLUSIVE OR GATE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74ACT86 Datasheet(HTML) 3 Page - Unisonic Technologies

  U74ACT86 Datasheet HTML 1Page - Unisonic Technologies U74ACT86 Datasheet HTML 2Page - Unisonic Technologies U74ACT86 Datasheet HTML 3Page - Unisonic Technologies U74ACT86 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
U74ACT86
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R126-007.B
ABSOLUTE MAXIMUM RATINGS (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~7
V
Input Voltage
VIN
-0.5~ VCC+0.5
V
DC Output Voltage
VOUT
-0.5~VCC+0.5
V
Input Clamp Current (ViN<0)
IIK
±20
mA
Output Clamp Current (VOUT<0)
IOK
±20
mA
Output Current
IOUT
±50
mA
VCC or GND Current
ICC
±200
mA
Storage Temperature
TSTG
-65 ~ +150
℃
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
VCC
4.5 ~ 5.5
V
Input Voltage
VIN
0 ~ VCC
V
Output Voltage
VOUT
0 ~ VCC
V
Input Transition Rise or Fall Rate
tR, tF
8
ns/V
Operating Temperature
TA
-55 ~ +125
℃
STATIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level Input Voltage
VIH
VCC=4.5V~5.5V, VOUT=0.1V or VCC- 0.1V
2.0
1.5
V
Low-Level Input Voltage
VIL
VCC=4.5V~5.5V, VOUT=0.1V or VCC- 0.1V
1.5
0.8
V
VCC=4.5V, IOH=-50µA
4.4
4.49
VCC=5.5V, IOH=-50µA
5.4
5.49
VCC=4.5V, IOH=-24mA
3.86
High-Level Output Voltage
VOH
VCC=5.5V, IOH=-24mA
4.86
V
VCC=4.5V, IOL=50µA
0.001
0.1
VCC=5.5V, IOL=50µA
0.001
0.1
VCC=4.5V, IOL=24mA
0.36
Low-Level Output Voltage
VOL
VCC=5.5V, IOL=24mA
0.36
V
Input Leakage Current
II(LEAK)
VCC=5.5V, VIN=5.5V or GND
±0.1
µA
Quiescent Supply Current
IQ
VCC=5.5V, VIN=VCC or GND, IOUT=0
2
µA
Additional Quiescent Supply
Current
∆IQ
VCC=5.5V, VIN=3.4V;other input at VCC or
GND; IOUT=0
0.6
mA
Input Capacitance
CIN
VCC=5.0V, VIN=VCC or GND
5
pF
DYNAMIC CHARACTERISTIC (input tR = tF =3ns, TA=25℃)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Propagation Delay Time
tPLH tPHL VCC =5.0V±0.5V, CL =50pF, RL =500Ω
1.5
5.0
9.5
ns
OPERATING CHARACTERISTIC
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Power Dissipation Capacitance
Cpd
VCC =5.0V
30
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com