Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74ACT86-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74ACT86-S14-R
Description  QUAD EXCLUSIVE OR GATE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74ACT86-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74ACT86-S14-R Datasheet HTML 1Page - Unisonic Technologies U74ACT86-S14-R Datasheet HTML 2Page - Unisonic Technologies U74ACT86-S14-R Datasheet HTML 3Page - Unisonic Technologies U74ACT86-S14-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74ACT86
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2008 Unisonic Technologies Co., Ltd
QW-R126-007.B
QUAD EXCLUSIVE OR GATE
DESCRIPTION
The U74ACT86 consists of four EXCLUSIVE OR GATE it
provides the function Y=A♁B, the device is designed to interface
directly High Speed CMOS systems with TTL, NMOS and CMOS
output voltage levels.
FEATURES
* Operation voltage range: 4.5~5.5V
* Low power dissipation:
ICC=2µA(Max)
* High noise immunity
* Compatible with TTL output
*Pb-free plating product number:
U74ACT86L
ORDERING INFORMATION
Ordering Number
Normal
Lead Free Plating
Package
Packing
U74ACT86-D14-T
U74ACT86L-D14-T
DIP-14
Tube
U74ACT86-S14-T
U74ACT86L-S14-T
SOP-14
Tube
U74ACT86-S14-R
U74ACT86L-S14-R
SOP-14
Tape Reel
U74ACT86-P14-T
U74ACT86L-P14-T
TSSOP-14
Tube


Similar Part No. - U74ACT86-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74ACT86G-D14-T UTC-U74ACT86G-D14-T Datasheet
205Kb / 4P
QUAD EXCLUSIVE OR GATE
U74ACT86G-P14-R UTC-U74ACT86G-P14-R Datasheet
205Kb / 4P
QUAD EXCLUSIVE OR GATE
U74ACT86G-S14-R UTC-U74ACT86G-S14-R Datasheet
205Kb / 4P
QUAD EXCLUSIVE OR GATE
U74ACT86L-D14-T UTC-U74ACT86L-D14-T Datasheet
205Kb / 4P
QUAD EXCLUSIVE OR GATE
U74ACT86 UTC-U74ACT86_15 Datasheet
205Kb / 4P
QUAD EXCLUSIVE OR GATE
More results

Similar Description - U74ACT86-S14-R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10113 MOTOROLA-MC10113 Datasheet
104Kb / 5P
Quad Exclusive OR Gate
logo
STMicroelectronics
74LVQ86 STMICROELECTRONICS-74LVQ86 Datasheet
57Kb / 8P
QUAD EXCLUSIVE OR GATE
Feb-1999
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
276Kb / 12P
QUAD EXCLUSIVE-OR GATE
Nov-1996
M54HC86 STMICROELECTRONICS-M54HC86 Datasheet
232Kb / 9P
QUAD EXCLUSIVE OR GATE
Dec-1992
M74HCT86-2 STMICROELECTRONICS-M74HCT86-2 Datasheet
174Kb / 8P
QUAD EXCLUSIVE OR GATE
Sep-2001
logo
Toshiba Semiconductor
TC74HCT86AP TOSHIBA-TC74HCT86AP Datasheet
175Kb / 4P
QUAD EXCLUSIVE OR GATE
TC74LVX86F TOSHIBA-TC74LVX86F Datasheet
240Kb / 8P
QUAD EXCLUSIVE OR GATE
TC74VHC86F TOSHIBA-TC74VHC86F Datasheet
201Kb / 5P
QUAD EXCLUSIVE OR GATE
logo
Rohm
BU4030B ROHM-BU4030B Datasheet
46Kb / 4P
Quad exclusive OR gate
logo
National Semiconductor ...
CD4030M NSC-CD4030M Datasheet
97Kb / 4P
Quad EXCLUSIVE-OR Gate
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com