Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74AHC1G66G-AF5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AHC1G66G-AF5-R
Description  BILATERAL SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC1G66G-AF5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AHC1G66G-AF5-R Datasheet HTML 1Page - Unisonic Technologies U74AHC1G66G-AF5-R Datasheet HTML 2Page - Unisonic Technologies U74AHC1G66G-AF5-R Datasheet HTML 3Page - Unisonic Technologies U74AHC1G66G-AF5-R Datasheet HTML 4Page - Unisonic Technologies U74AHC1G66G-AF5-R Datasheet HTML 5Page - Unisonic Technologies U74AHC1G66G-AF5-R Datasheet HTML 6Page - Unisonic Technologies U74AHC1G66G-AF5-R Datasheet HTML 7Page - Unisonic Technologies U74AHC1G66G-AF5-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
U74AHC1G66
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-098,C
DYNAMIC CHARACTERISTICS (Ta=25°C)
Input: tR, tF≤3ns; PRR≤1MHz, All typical values are measured at VCC=2V; VCC=3.3V or VCC=5V.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Propagation Delay From Y/Z TO Z/Y
tPHL /tPLH
VCC =2.0V, CL =50pF
2.2
5
ns
VCC =2.0V, CL =15pF
7
25
ns
Turn-On Time From E TO Z/Y
tPZH /tPZL
VCC =2.0V, CL =50pF
11
35
ns
VCC =2.0V, CL =15pF
9
25
ns
Turn-Off Time From E TO Z/Y
tPHZ /tPLZ
VCC =2.0V, CL =50pF
13
35
ns
Propagation Delay From Y/Z TO Z/Y
tPHL /tPLH
VCC =3.0V~3.6V, CL =50pF
1
2
ns
VCC =3.0V~3.6V, CL =15pF
4
11
ns
Turn-On Time From E TO Z/Y
tPZH /tPZL
VCC =3.0V~3.6V, CL =50pF
5.8
15
ns
VCC =3.0V~3.6V, CL =15pF
6
11
ns
Turn-Off Time From E TO Z/Y
tPHZ /tPLZ
VCC =3.0V~3.6V, CL =50pF
8.4
15
ns
Propagation Delay From Y/Z TO Z/Y
tPHL /tPLH
VCC =4.5V~5.5V, CL =50pF
0.6
1
ns
VCC =4.5V~5.5V, CL =15pF
3
8
ns
Turn-On From E TO Z/Y
tPZH /tPZL
VCC =4.5V~5.5V, CL =50pF
4.4
11
ns
VCC =4.5V~5.5V, CL =15pF
5
8
ns
Turn-Off Time From E TO Z/Y
tPHZ /tPLZ
VCC =4.5V~5.5V, CL =50pF
6.1
11
ns
Recommended conditions and typical values. GND=0; tR=tF=3ns
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
VCC=3.0V~3.6V, VIS(P-P)=2.5V,
RL=10kΩ, CL=50pF
0.025
%
Sine-Wave Distortion at f=1kHz
VCC=4.5V~5.5V, VIS(P-P)=4.0V,
RL=10kΩ, CL=50pF
0.015
%
VCC=3.0V~3.6V, VIS(P-P)=2.5V,
RL=10kΩ, CL=50pF
0.025
%
Sine-Wave Distortion at f=10kHz
VCC=4.5V~5.5V, VIS(P-P)=4.0V,
RL=10kΩ, CL=50pF
0.015
%
VCC=3.0V~3.6V, RL=600Ω,
CL=50pF, F=1MHz
-50
dB
Switch OFF Signal Feed-Through
(Note 1)
VCC=4.5V~5.5V, RL=600Ω,
CL=50pF, F=1MHz
-50
dB
VCC=3.0V~3.6V, RL=50Ω, CL=10pF
230
MHz
Minimum Frequency Response
(-3dB) (Note 2)
fMAX
VCC=4.5V~5.5V, RL=50Ω, CL=10pF
280
MHz
OPERATING CHARACTERISTICS
Power Dissipation Capacitance
Cpd
CL=50pF, f=10MHz, VCC=5
13
pF
Notes: 1. Adjust input voltage VIS is 0dbm level (0dbm=1mW into 600Ω)
2. Adjust input voltage VIS is 0dbm level at VOS for 1MHz (0dbm=1mW into 50Ω)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com