Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVU Datasheet(PDF) 2 Page - PowerVolt Inc.

Part # BVU
Description  Unregulated Open Frame DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERVOLT [PowerVolt Inc.]
Direct Link  http://www.powervolt.com
Logo POWERVOLT - PowerVolt Inc.

BVU Datasheet(HTML) 2 Page - PowerVolt Inc.

  BVU Datasheet HTML 1Page - PowerVolt Inc. BVU Datasheet HTML 2Page - PowerVolt Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Unregulated Open Frame DC Power Supplies
Series: BVU
Part No.
Typical Dc
Output
(@nominal input
and full load)
BVU-7U1.8
BVU-12AU1.2
BVU-16AU0.9
BVU-20AU0.75
BVU-24AU0.6
BVU-48AU0.3
BVU-120AU0.12
BVU-250AU0.05
7.5V @ 1.8A
11V @ 1.2A
17AV @ 0.9A
19.8V @ 0.75A
25V @ 0.6A
48V @ 0.3A
113V @ 0.12A
247V @ 0.05A
BVU-7BU3
BVU-12BU2.4
BVU-16BU1.8
BVU-20BU1.5
BVU-24BU1.2
BVU-48BU0.6
BVU-120BU0.25
BVU-250BU0.1
7.5V @ 3A
12V @ 2.4A
16V @ 1.8A
19.8V @ 1.5A
26.5V @ 1.2A
48V @ 0.6A
120V @ 0.25A
248V @ 0.1A
BVU-7CU6
BVU-12CU4.8
BVU-16CU3.6
BVU-20CU3
BVU-24CU2.4
BVU-48CU1.2
7.5V @ 6A
12V @ 4.8A
16V @ 3.6A
19.8 @ 3A
26.5V @ 2.4A
48 @ 1.2A
DIMENSIONS:
PRSRT STD
US POSTAGE PAID
ADDISON IL
300 Factory Road,
PERMIT NO. 300
Addison, IL 60101 – 5004
T: (630) 628-9999
F: (630) 628-9922
Toll-free: (888)PWR-VOLT (797-8658)
E-mail: sales@powervolt.com
Web Site:
www.powervolt.com
Other Products:
● Power Transformers
● Regulated Power Supplies:
- Linear
- Switch Mode
● Wall Plug-ins
Part No.
Typical DC
Output
(@ nominal input
and full load )
BVU-7DU10
BVU-12DU7
BVU-16DU6
BVU-20DU5
BVU-24DU3.5
BVU-48DU1.8
8.5V @ 10A
12.5V @ 7A
17V @ 6A
19.48V @ 5A
25.5V @ 3.5A
48V @ 1.8A
BVU-7EU20
BVU-12EU15
BVU-16EU12.5
BVU-20EU10
BVU-24EU7.5
BVU-45EU6
BVU-48EU4
BVU-72EU3
9V @ 20A
12.5V @ 15A
16.5V @ 12.5A
20V @ 10A
27.5V @ 7.5A
45V @ 6.0A
47V @ 4A
72V @ 3A
BVU-24FU20
BVU-45FU12
BVU-48FU10
BVU-75FU5
24.6 @ 20A
45V @ 12A
48.4V @ 10A
75V @ 5A
BVU-24GU30
BVU-48GU15
BVU-65GU15
BVU-75GU10
24.6V @ 30A
48V @ 15A
65V @ 15A
75V @ 10A
Case
Size
A
Bo
B1
C
D
E
F
G
H
(dia)
Wt
(lbs)
AU
4.62
4.00
NA
.31
2.09
1.60
.31
2.75
.20
1.7
BU
5.88
5.38
NA
.25
2.72
2.19
.31
3.25
.22
2.6
CU
6.25
5.65
5.15
.25
3.00
2.73
.35
3.71
.22
4.0
DU
7.12
6.42
5.87
.35
3.25
2.88
.30
4.00
.22
6.7
EU
8.10
7.50
6.90
.25
3.88
3.80
.30
5.00
.26
12.2
FU
9.00
8.24
NA
.35
4.62
2.50
1.56
5.62
.28
20.0
GU
9.50
8.50
NA
.50
5.56
6.62
.50
8.00
.28
28.5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com