Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGRM4003-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CGRM4003-G
Description  SMD General Purpose Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CGRM4003-G Datasheet(HTML) 2 Page - Comchip Technology

  CGRM4003-G Datasheet HTML 1Page - Comchip Technology CGRM4003-G Datasheet HTML 2Page - Comchip Technology CGRM4003-G Datasheet HTML 3Page - Comchip Technology CGRM4003-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
QW-BG009
REV:D
Comchip Technology CO., LTD.
Rating and Characteristic Curves (CGRM4001-G Thru. CGRM4007-G)
Fig.2 Forward Characteristics
VF, Forward Voltage (V)
0.1
Fig.1 Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
0
200
Fig.3 Junction Capacitance
0
VR, Reverse Voltage (V)
15
35
0.01
1
0.01
10
100
2.1
100
Fig.4 Current Derating Curve
0
TA, Ambient Temperature (°C)
0.8
1.4
0.6
0.1
20
160
100
0.01
1.0
10
100
0.1
0.5
0.2
1.3
1.7
5
20
30
0.4
40
80
1.0
60
120
1.0
1.2
O
TJ=100 C
O
TJ=25 C
0.9
O
TJ=25 C
Pulse width=300μs
1% duty cycle
0.1
10
10
25
f=1MHz
Applied 4VDC
reverse voltage
140
40
80
Single phase, half
wave, 60Hz, resistive
or inductive load
Fig.5 Non-repetitive Forward
Surge Current
0
Number of Cycles at 60Hz
50
1
10
100
20
40
10
30
O
TJ=25 C
8.3ms single half sine
wave, JEDEC method
SMD General Purpose Rectifiers
120
160



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com