Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDF5V0H-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CPDF5V0H-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDF5V0H-HF Datasheet(HTML) 2 Page - Comchip Technology

  CPDF5V0H-HF Datasheet HTML 1Page - Comchip Technology CPDF5V0H-HF Datasheet HTML 2Page - Comchip Technology CPDF5V0H-HF Datasheet HTML 3Page - Comchip Technology CPDF5V0H-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (CPDF5V0H-HF)
Fig. 4 - Power rating derating curve
Ambient temperature, ( °C )
20
40
60
80
100
Mounting on glass epoxy PCBs
Fig. 2 - Capacitance between
terminals characteristics
Reverse voltage, (V)
5.0
6.0
7.0
8.0
9.0
12.0
0
1
2
3
4
5
SMD ESD Protection Diode
Page 2
Comchip Technology CO., LTD.
REV: A
QW-G7049
Fig.3 - Clamping voltage vs.
peak pulse current
Peak pulse current, (A)
6
0
1
3
7
11
18
16
14
12
10
8
5
9
Waveform
Parameters:
tr=8us
td=20us
10.0
11.0
Fig. 1 - 8/20us Peak pulse current wave
form acc. IEC 61000-4-5
Time, (us)
0%
20%
40%
60%
80%
100%
0
10
20
30
40
8 us to 100%
20 us to 50us
0
0
25
50
100
150
75
125



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com