Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDF12V0U-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CPDF12V0U-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDF12V0U-HF Datasheet(HTML) 2 Page - Comchip Technology

  CPDF12V0U-HF Datasheet HTML 1Page - Comchip Technology CPDF12V0U-HF Datasheet HTML 2Page - Comchip Technology CPDF12V0U-HF Datasheet HTML 3Page - Comchip Technology CPDF12V0U-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
f=1MHz
TA=25°C
Comchip Technology CO., LTD.
Fig. 1 - 8/20us Peak pulse current wave
form acc. IEC 61000-4-5
Time, (us)
0%
20%
40%
60%
80%
100%
0
10
20
30
40
8 us to 100%
20 us to 50us
RATING AND CHARACTERISTIC CURVES (CPDF12V0U-HF)
SMD ESD Protection Diode
Page 2
0
10
20
40
0
2
4
6
12
8
30
Reverse voltage, (V)
Fig. 5 - Capacitance between
terminals characteristics
Fig. 3 - Clamping volatage vs.
peak pulse current
Peak pulse current,IPP (A)
Fig. 4 - Forward volatage vs.
forward current
Forward current,IF (A)
Ambient temperature, ( °C )
Mounting on glass epoxy PCBs
0
20
40
60
80
100
120
25
50
75
100
150
0
125
Fig. 2 - Power rating derating curve
6
0
10
15
20
30
5
3
2
1
0
8/20us waveform
25
4
5
12
0
1
1.5
2
3
0.5
6
4
2
0
8/20us waveform
2.5
8
10
10
50
60
QW-G7027
REV:A
Comchip
S M D D i o d e S p e c i a l i s t



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com