Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDFR5V0 Datasheet(PDF) 1 Page - Comchip Technology

Part # CPDFR5V0
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDFR5V0 Datasheet(HTML) 1 Page - Comchip Technology

  CPDFR5V0 Datasheet HTML 1Page - Comchip Technology CPDFR5V0 Datasheet HTML 2Page - Comchip Technology CPDFR5V0 Datasheet HTML 3Page - Comchip Technology CPDFR5V0 Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CPDFR Series
SMD ESD Protection Diode
RoHS Device
Page 1
QW-A7004
REV:D
Comchip Technology CO., LTD.
Features
- Bi-diretional ESD protection.
- Surface mount package.
- High component density.
Mechanical data
- Case: 1005/SOD-323 standard package,
molded plastic.
- Terminals: Gold plated, solderable per
MIL-STD-750,method 2026.
- Marking Code:
CPDFR5V0: E05
CPDFR12V: E12
CPDFR24V: E24
- Mounting position: Any.
- Weight: 0.006 gram(approx.).
Electrical Characteristics (at TA=25 °C unless otherwise noted)
Symbol
Typ
Parameter
Min
Max Unit
Junction capacitance
Conditions
Diode breakdown voltage
VBD
V
CPDFR5V0
CPDFR12V
CPDFR24V
IR = 1mA
Leakage current
IL
uA
CPDFR5V0
CPDFR12V
CPDFR24V
20
- - -
CT
pF
CPDFR5V0
CPDFR12V
CPDFR24V
VR =0V,f =1MHz
13
5.1
25
0.1
17
7.0
28
15
12
10
2.0
- - -
VR = 5V
VR = 24V
VR = 12V
Clamping voltage
ESD capability
kV
25
47
CPDFR5V0
CPDFR12V
CPDFR24V
16
Peak pulse power
PPP
W
75
CPDFR Series
Storage temperature
Operation temperature
125
OC
TSTG
Tj
OC
150
CPDFR Series
CPDFR Series
-55
VC
V
IPP = 5A,TP=8/20us
15
IPP = 1A,TP=8/20us
IPP = 1A,TP=8/20us
25
47
CPDFR5V0
CPDFR12V
CPDFR24V
TP=8/20us
ESD
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
8
0.102(2.60)
0.095(2.40)
0.051(1.30)
0.043(1.10)
0.035(0.90)
0.027(0.70)
Dimensions in inches and (millimeter)
0.020(0.50) Typ.
0.040(1.00) Typ.
1005/SOD-323F
Comchip
S M D D i o d e S p e c i a l i s t


Similar Part No. - CPDFR5V0

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDFR5V0-HF COMCHIP-CPDFR5V0-HF Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDFR5V0-HF COMCHIP-CPDFR5V0-HF Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDFR5V0R-HF COMCHIP-CPDFR5V0R-HF Datasheet
141Kb / 4P
SMD ESD Protection Diode
More results

Similar Description - CPDFR5V0

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDV6-5V0U-HF COMCHIP-CPDV6-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com