Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDUR Datasheet(PDF) 4 Page - Comchip Technology

Part # CPDUR
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDUR Datasheet(HTML) 4 Page - Comchip Technology

  CPDUR Datasheet HTML 1Page - Comchip Technology CPDUR Datasheet HTML 2Page - Comchip Technology CPDUR Datasheet HTML 3Page - Comchip Technology CPDUR Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4
QW-A7003
REV:D
SMD ESD Protection Diode
Comchip Technology CO., LTD.
Part Number
CPDUR5V0
Marking Code
E05
Marking Code
CPDUR12V
E12
CPDUR24V
E24
Suggested PAD Layout
SIZE
(inch)
0.049
(mm)
1.25
0.60
1.00
0.024
0.039
1.85
0.073
E
0.65
0.026
Standard Packaging
A
B
C
D
A
C
B
E
D
0603/SOD-523F
Case Type
Qty Per Reel
(Pcs)
4,000
0603/SOD-523F
Reel Size
(inch)
7
xxx
xxx = Product type marking code
Comchip
S M D D i o d e S p e c i a l i s t



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com