Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDVR065V0U-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CPDVR065V0U-HF
Description  SMD ESD Protection Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDVR065V0U-HF Datasheet(HTML) 2 Page - Comchip Technology

  CPDVR065V0U-HF Datasheet HTML 1Page - Comchip Technology CPDVR065V0U-HF Datasheet HTML 2Page - Comchip Technology CPDVR065V0U-HF Datasheet HTML 3Page - Comchip Technology CPDVR065V0U-HF Datasheet HTML 4Page - Comchip Technology CPDVR065V0U-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2
Comchip Technology CO., LTD.
RATING AND CHARACTERISTIC CURVES (CPDVR065V0U-HF)
-10
Time (ns)
0
70
40
0
90
50
100
20%
40%
60%
80%
100%
120%
Fig.3 - Reverse Voltage VR vs.
Reverse Current IR
Peak pulse current(V)
0.001
0
1
2
3
4
1
0.1
0.01
Fig.5 - Junction Capacitance vs.
Reverse Voltage
Reverse voltage (V)
0
5
4
2
0
4
8
12
3
1
f = 1MHz
16
REV:B
QW-JP019
Fig.4 - Forward Voltage IF vs.
Forward current VF
VF(V)
0.001
0.5
0.6
0.7
0.8
0.9
1.0
1.1
100
10
1
0.1
0.01
5
10
Fig.1 - 8/20us Peak Pulse Current Wave
Form acc. IEC 61000-4-5
Time (us)
0%
20%
40%
60%
80%
100%
0
10
20
30
40
8 us to 100%
20 us to 50us
Peak pulse current,IPP (A)
2.3
3
0
12
6
9
1.6
1.3
1
0
14
1.9
2.1
80
60
30
20
10
Fig.2 - ESD Discharge Current Wave Form
acc.IEC 61000-4-2(330Ω/150pF)
Rise time = 0.7ns to 1ns
53%
27%
Fig.6 - Clamping Voltage vs.
Peak Pulse Current IPP
Reverse
8/20us Waveform
SMD ESD Protection Diode



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com