Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDVR085V0H-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CPDVR085V0H-HF
Description  SMD ESD Protection Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDVR085V0H-HF Datasheet(HTML) 2 Page - Comchip Technology

  CPDVR085V0H-HF Datasheet HTML 1Page - Comchip Technology CPDVR085V0H-HF Datasheet HTML 2Page - Comchip Technology CPDVR085V0H-HF Datasheet HTML 3Page - Comchip Technology CPDVR085V0H-HF Datasheet HTML 4Page - Comchip Technology CPDVR085V0H-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD ESD Protection Diode
Comchip
S M D D i o d e S p e c i a l i s t
Page 2
QW-G7051
REV: A
Comchip Technology CO., LTD.
Maximum Rating and Electrical Characteristics
O
(at TA=25 C unless otherwise noted)
Symbol
Typ
Parameter
Min
Max Unit
Junction capacitance
Conditions
Diode breakdown voltage
VBD
V
IR = 1mA
Leakage current
IL
uA
20
CT
pF
VR =0V,f =1MHz
5.5
7.0
1.0
VR = 5V
ESD capability
kV
30
Storage temperature
Operation temperature
125
°C
TSTG
Tj
°C
150
-55
ESD
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
30
Peak Pulse Power
Clamping Voltage
11
V
PPP
Vc
140
IPP = 7 A, tp=8/20us
IPP = 1 A, tp=8/20us
Vc
V
20
TP=8/20us
W
ESD
kV



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com