Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPDVR085V0UA Datasheet(PDF) 2 Page - Comchip Technology

Part # CPDVR085V0UA
Description  SMD ESD Protection Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDVR085V0UA Datasheet(HTML) 2 Page - Comchip Technology

  CPDVR085V0UA Datasheet HTML 1Page - Comchip Technology CPDVR085V0UA Datasheet HTML 2Page - Comchip Technology CPDVR085V0UA Datasheet HTML 3Page - Comchip Technology CPDVR085V0UA Datasheet HTML 4Page - Comchip Technology CPDVR085V0UA Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2
Comchip Technology CO., LTD.
SMD ESD Protection Diode
REV:A
QW-A7030
Maximum Rating and Electrical Characteristics
(at TA=25°C unless otherwise noted)
Symbol
Typ
Parameter
Min
Max
Unit
Conditions
Forward voltage
VF
V
IF = 10mA
0.8
Junction capacitance
Diode breakdown voltage
VBD
V
IR = 1mA
120
CT
pF
VR = 0V,f = 1MHz
6
Leakage current
IL
uA
VR = 5V
0.3
2.0
90
Peak pulse power
PPP
W
200
Operation temperature
TJ
125
OC
Clamping voltage
VC
V
IPP = 5A,TP=8/20us
9.8
IPP = 16A,TP=8/20us
12.5
Storage temperature
TSTG
-55
150
OC
ESD
kV
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
20
15
ESD capability
Comchip
S M D D i o d e S p e c i a l i s t



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com