Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSFA105-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CSFA105-G
Description  SMD Super Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CSFA105-G Datasheet(HTML) 1 Page - Comchip Technology

  CSFA105-G Datasheet HTML 1Page - Comchip Technology CSFA105-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Super Fast Recovery Rectifiers
Reverse Voltage: 50 to 600 Volts
Forward Current: 1.0 Amp
RoHS Device
Page 1
REV:A
Features
-Ideal for surface mount applications.
-Easy pick and place.
-Plastic package has Underwriters Lab.
flammability classification 94V-0.
-Super fast recovery time 35nS.
-Built-in strain relief.
-Low forward voltage drop.
Mechanical data
-Case: JEDEC DO-214AC, molded plastic.
-Terminals: solderable per MIL-STD-750,
method 2026.
-Polarity: Color band denotes cathode end.
-Approx. weight: 0.063 grams
CSFA101-G Thru. CSFA105-G
Maximum Ratings and Electrical Characteristics
Dimensions in inches and (millimeter)
DO-214AC (SMA)
QW-BS001
CSFA101-G
2
Notes: 1. Thermal resistance from junction to lead mounted on P.C.B. with 8.0×8.0 mm copper pad area.
Comchip Technology CO., LTD.
0.110(2.79)
0.086(2.18)
0.067(1.70)
0.051(1.29)
0.209(5.31)
0.185(4.70)
0.012(0.31)
0.006(0.15)
0.008(0.20)
0.004(0.10)
0.059(1.50)
0.035(0.89)
0.091(2.31)
0.067(1.70)
0.180(4.57)
0.160(4.06)
Max. repetitive peak reverse voltage
Max. DC blocking voltage
Max. RMS voltage
Peak surge forward current, 8.3ms
single half sine-wave superimposed
on rate load (JEDEC method)
Max. average forward current
Max. instantaneous forward voltage
@1.0A
Reverse recovery time
Max. DC reverse current at
TA=25°C
rated DC blocking voltage
TA=100°C
Max. thermal resistance (Note 1)
Max. operating junction temperature
Storage temperature
CSFA102-G CSFA103-G CSFA104-G
CSFA105-G
Units
Symbol
Parameter
VRRM
VDC
VRMS
IFSM
IO
VF
Trr
IR
RθJL
TJ
TSTG
50
50
35
100
100
70
0.95
200
200
140
30
1.0
35
5.0
100
35
150
-55 to +150
400
400
280
1.25
600
600
420
1.5
V
V
V
A
A
V
nS
μA
OC/W
OC
OC


Similar Part No. - CSFA105-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CSFA105-G COMCHIP-CSFA105-G Datasheet
49Kb / 2P
SMD Super Fast Recovery Rectifiers
More results

Similar Description - CSFA105-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CSFA101-G COMCHIP-CSFA101-G Datasheet
49Kb / 2P
SMD Super Fast Recovery Rectifiers
CSFB201-G COMCHIP-CSFB201-G Datasheet
49Kb / 2P
SMD Super Fast Recovery Rectifiers
CSFC301-G COMCHIP-CSFC301-G Datasheet
50Kb / 2P
SMD Super Fast Recovery Rectifiers
CSFM101-G COMCHIP-CSFM101-G Datasheet
50Kb / 2P
SMD Super Fast Recovery Rectifiers
CSFB201-G COMCHIP-CSFB201-G_12 Datasheet
63Kb / 2P
SMD Super Fast Recovery Rectifiers
CSFC301-G COMCHIP-CSFC301-G_12 Datasheet
63Kb / 2P
SMD Super Fast Recovery Rectifiers
CSFM101-G COMCHIP-CSFM101-G_12 Datasheet
97Kb / 4P
SMD Super Fast Recovery Rectifiers
CSFM101-HF COMCHIP-CSFM101-HF Datasheet
119Kb / 4P
SMD Super Fast Recovery Rectifiers
SF1005-G COMCHIP-SF1005-G Datasheet
76Kb / 3P
SMD Super Fast Recovery Rectifiers
CSFMT101-HF COMCHIP-CSFMT101-HF_12 Datasheet
167Kb / 4P
Low Profile SMD Super Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com