Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSFM102-G Datasheet(PDF) 4 Page - Comchip Technology

Part # CSFM102-G
Description  SMD Super Fast Recovery Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CSFM102-G Datasheet(HTML) 4 Page - Comchip Technology

  CSFM102-G Datasheet HTML 1Page - Comchip Technology CSFM102-G Datasheet HTML 2Page - Comchip Technology CSFM102-G Datasheet HTML 3Page - Comchip Technology CSFM102-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4
REV:C
Comchip Technology CO., LTD.
QW-BS005
Suggested PAD Layout
Part Number
S1
Marking Code
Marking Code
A
B
C
E
D
XX
Standard Packaging
Case Type
Qty per Reel
(Pcs)
Reel Size
(inch)
SIZE
(inch)
0.130
(mm)
3.30
1.40
1.90
0.055
0.075
4.70
0.185
E
1.90
0.075
B
C
D
A
S2
Mini-SMA/SOD-123
CSFM101-G
CSFM102-G
XX = Product type marking code
S3
CSFM103-G
S6
S8
CSFM104-G
CSFM105-G
SMD Efficient Fast Recovery Rectifiers
Mini-SMA/SOD-123
2500
7



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com