Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSFM103-G Datasheet(PDF) 2 Page - Comchip Technology

Part # CSFM103-G
Description  SMD Super Fast Recovery Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CSFM103-G Datasheet(HTML) 2 Page - Comchip Technology

  CSFM103-G Datasheet HTML 1Page - Comchip Technology CSFM103-G Datasheet HTML 2Page - Comchip Technology CSFM103-G Datasheet HTML 3Page - Comchip Technology CSFM103-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
QW-BS005
REV:C
Comchip Technology CO., LTD.
Rating and Characteristic Curves (CSFM101
)
-G Thru. CSFM105-G
Fig.1 - Typical Forward Characteristics
Forward Voltage, (V)
0.4
Fig.5 - Typical Junction Capacitance
0
Reverse Voltage, (V)
30
70
0.01
0.1
100
1.8
Fig.2 - Typical Forward Current
0
Ambient Temperature, (°C)
0.8
1.4
0.6
20
175
100
0.001
0.1
1
10
0.01
0.6
0.2
1.2
1.4
10
40
60
0.4
50
125
1.0
1.2
0.8
10
20
50
150
25
75
CS
FM
10
4-
G
CS
FM
10
5-
G
O
TJ=25 C
Pulse width 300μS
1% duty cycle
Fig.3 - Test Circuit Diagram and Reverse Recovery
SMD Super Fast Recovery Rectifiers
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
D.U.T.
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
Fig.4 - Non-repetitive Forward
Surge Current
0
Number of Cycles at 60Hz
30
1
10
100
10
20
5
15
O
TJ=25 C
8.3ms single half sine
wave, JEDEC method
25
1.0
1.6
Derating Curve
Time Characteristics
Recovery
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com