Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSFM104-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CSFM104-G
Description  SMD Super Fast Recovery Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CSFM104-G Datasheet(HTML) 1 Page - Comchip Technology

  CSFM104-G Datasheet HTML 1Page - Comchip Technology CSFM104-G Datasheet HTML 2Page - Comchip Technology CSFM104-G Datasheet HTML 3Page - Comchip Technology CSFM104-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Maximum Ratings (at TA=25°C unless otherwise noted)
Parameter
Symbol
Unit
Repetitive peak reverse voltage
Continuous reverse voltage
RMS voltage
Maximum Instantaneous forward
voltage at IF=1.0A
Forward surge current
Max. Reverse recovery time
Max.Reverse current
Typ. Thermal resistance
Operating junction temperature
Storage temperature range
Reverse Voltage: 50 to 600 Volts
Forward Current: 1.0 Amp
RoHS Device
Dimensions in inches and (millimeter)
Features
-Tiny plastic SMD package.
-High current capability.
-Super fast recovery time for switching mode application.
-High surge current capability.
-Glass passivated chip junction.
Mechanical data
-Epoxy: UL 94-V0 rated flame retardant.
-Terminals: Solderable per MIL-STD-750, method
2026.
-Polarity: Indicated by cathode band.
-Weight: 0.018 grams approx.
CSFM101-G Thru. CSFM105-G
Page 1
QW-BS005
SMD Super Fast Recovery Rectifiers
REV:C
Comchip Technology CO., LTD.
Mini SMA / SOD-123
0.154(3.90)
0.138(3.50)
0.012(0.30) Typ.
0.075(1.9)
0.059(1.5)
0.067(1.7)
0.051(1.3)
0.028(0.70) Typ.
0.028(0.7) Typ.
VRRM
VDC
VRMS
IO
VF
IFSM
Trr
IR
TJ
TSTG
RθJA
CSFM
101-G
CSFM
102-G
CSFM
103-G
CSFM
104-G
CSFM
105-G
50
50
35
100
100
70
200
200
140
1.0
25
35
5.0
42
-55 to +150
-65 to +175
400
400
280
600
600
420
V
V
V
A
V
A
nS
μA
°C/W
°C
°C
0.95
1.70
1.25
-Batch process design,excellent power dissipation
offers better reverse leakage current and thermal
resistance.
-Low profile surface mounted application in order
to optimize board space.
-Case: Molded plastic, JEDEC SOD-123/Mini SMA.
Max. forward rectified current
Ambient temperature=50°C
Conditions
superimposed on rated
load (JEDEC method)
8.3ms single half sine-wave
IF=0.5A , IR=1.0A
IRR=0.25A
VR=VRRM TJ=@25°C
VR=VRRM TJ=@100°C
Junction to ambient
Diode junction capacitance
CJ
10
pF
f=1MHZ and applied 4V DC
reverse voltage
100


Similar Part No. - CSFM104-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CSFM104-G COMCHIP-CSFM104-G Datasheet
50Kb / 2P
SMD Super Fast Recovery Rectifiers
More results

Similar Description - CSFM104-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CSFA101-G COMCHIP-CSFA101-G Datasheet
49Kb / 2P
SMD Super Fast Recovery Rectifiers
CSFB201-G COMCHIP-CSFB201-G Datasheet
49Kb / 2P
SMD Super Fast Recovery Rectifiers
CSFC301-G COMCHIP-CSFC301-G Datasheet
50Kb / 2P
SMD Super Fast Recovery Rectifiers
CSFM101-G COMCHIP-CSFM101-G Datasheet
50Kb / 2P
SMD Super Fast Recovery Rectifiers
CSFA101-G COMCHIP-CSFA101-G_12 Datasheet
63Kb / 2P
SMD Super Fast Recovery Rectifiers
CSFB201-G COMCHIP-CSFB201-G_12 Datasheet
63Kb / 2P
SMD Super Fast Recovery Rectifiers
CSFC301-G COMCHIP-CSFC301-G_12 Datasheet
63Kb / 2P
SMD Super Fast Recovery Rectifiers
CSFM101-HF COMCHIP-CSFM101-HF Datasheet
119Kb / 4P
SMD Super Fast Recovery Rectifiers
SF1005-G COMCHIP-SF1005-G Datasheet
76Kb / 3P
SMD Super Fast Recovery Rectifiers
CSFMT101-HF COMCHIP-CSFMT101-HF_12 Datasheet
167Kb / 4P
Low Profile SMD Super Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com