Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2040CF Datasheet(PDF) 2 Page - WILLAS ELECTRONIC CORP

Part # MBR2040CF
Description  20.0 AMP SCHOTTKY BARRIER RECTIFIERS TO-220 PACKAGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

MBR2040CF Datasheet(HTML) 2 Page - WILLAS ELECTRONIC CORP

  MBR2040CF Datasheet HTML 1Page - WILLAS ELECTRONIC CORP MBR2040CF Datasheet HTML 2Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
D
R
A
W
R
O
F
L
A
C
I
P
Y
T
-
2
.
G
I
F
E
V
R
U
C
G
N
I
T
A
R
E
D
T
N
E
R
R
U
C
D
R
A
W
R
O
F
L
A
C
I
P
Y
T
-
1
.
G
I
F
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
E
S
R
E
V
E
R
L
A
C
I
P
Y
T
-
4
.
G
I
F
T
N
E
R
R
U
C
E
G
R
U
S
D
R
A
W
R
O
F
E
V
I
T
I
T
E
P
E
R
-
N
O
N
M
U
M
I
X
A
M
-
3
.
G
I
F
FIG. 5-TYPICAL JUNCTION CAPACITANCE
0
10
20
30
40
0
20
40
60
80
100
120
140
160
180
AMBIENT TEMPERATURE(℃)
0
30
60
90
120
150
0
0
1
0
1
1
NUMBER OF CYCLES AT 60Hz
0.0
250.0
500.0
750.0
1000.0
1250.0
1500.0
0
1
10
100
REVERSE VOLTAGE (V)
MBR2020CF~MBR2040CF
MBR2050CF~MBR2060CF
MBR2080CF~MBR20100CF
MBR20150CF~MBR20200CF
0.001
0.010
0.100
1.000
10.000
100.000
20
40
60
80
100
PERCENTAGE RATED PEAK REVERSE VOLTAGE (%)
25℃
125℃
0.01
0.10
1.00
10.00
100.00
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
FORWARD VOLTAGE (V)
MBR2020CF~MBR2040CF
MBR2050CF~MBR2060CF
MBR2080CF~MBR20100CF
MBR20150CF~MBR20200CF
20.0 AMP SCHOTTKY BARRIER RECTIFIERS
ITO-220 PACKAGE
WILLAS ELECTRONIC COR
2010-09
MBR2020CF
THRU
MBR20200CF
Pb Free Product



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com